Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2837 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

No. de pieza 2SK2837
Descripción Electrónicos  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SK2837 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  2SK2837 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Common source
V
=10V
GS
Pulse test
l = 20A
D
l = 8A
D
l = 10A
D
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
www.nellsemi.com
Page 4 of 6
Fig.5 Forward transconductance characteristics
Fig.6 On-Resistance variation vs.
Drain current and gate voltage
50
10
0.3
0.1
10
50
Drain current, l (A)
D
Fig.7 On-Resistance variation vs.
case temperature
Fig.8 Drain reverse current vs.
Drain-Source voltage
T = -55°C
C
25°C
100°C
Drain current, l (A)
D
1
0.03
1
10
70
1.0
0.8
0.6
0.4
0.2
0
-80
-40
0
40
80
120
180
Case temperature, T (°C)
C
20
10
1
0.1
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
Drain-source voltage, V
(V)
DS
Fig.9 Capacitance characteristics
Fig.10 Gate threshold voltage vs.
case temperature
10000
1000
100
10
0.1
1
10
100
Drain-source voltage, V
(V)
DS
Case temperature, T (°C)
C
5
4
3
2
1
0
-80
-40
0
40
80
120
160
2SK2837 Series
Common source
V
=20V
DS
Pulse test
0.5
1
3
5
0.5
1
5
Common source
T =25°C
C
Pulse test
V
=10V
GS
3
30
0.05
0.1
0.3
0.5
-1.4
Common source
T =25°C
C
Pulse test
10V
3V
1V
V
=0, -1V
GS
Common source
V
=0V
GS
f=1 MHZ
T =25°C
C
Ciss
Coss
Crss
C
=
(
)
iss
C
+C
C
= shorted
gs
gd
ds
C
= C
rss
gd
C
= C
+C
oss
ds
gd
0.3
3
30
300
Common source
V
=10V
DS
l =1 mA
D
Pulse test


Número de pieza similar - 2SK2837

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK2837 TOSHIBA-2SK2837 Datasheet
295Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2837 TOSHIBA-2SK2837 Datasheet
731Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2837 ISC-2SK2837 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Thinki Semiconductor Co...
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results

Descripción similar - 2SK2837

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com