Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2837 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

No. de pieza 2SK2837
Descripción Electrónicos  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SK2837 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  2SK2837 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 2SK2837 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Rectangular Pulse Duration , t1 (s)
Fig.15 Single pulse avalanche energy vs.
Junction temperature
Fig.13 Transient thermal response curve
Fig.14 Maximum safe operating area
1
3
www.nellsemi.com
Page 5 of 6
Single pulse
0.2
D = 0.5
0.1
0.01
0.01
0.02
0.05
0.1
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
10
1000
10
0.1
0.01
1
10
100
1000
1000
800
600
400
200
0
25
50
75
100
125
150
Drain-source voltage, VDS (V)
Junction temperature, TJ (°C)
Fig.12 Dynamic input/output characteristics
Fig.11 Drain power dissipation vs.
case temperature
200
150
100
50
0
0
40
80
120
160
200
Case temperature, TC (°C)
500
400
300
200
100
0
0
20
40
60
80
100
25
20
15
10
5
0
Total gate charge, Qg (nC)
2SK2837 Series
Common source
l = 20A
D
T = 25°C
C
Pulse test
V
= 400V
DD
V
= 400V
DD
200V
200V
100V
100V
VGS
VDS
120
0.001
PDM
PDM
t1
t2
Notes:
1. Duty = t / t
1
2
2. R
= 0.833 °C/W
th(j-c)
l max. (continuous)
D
l max. (pulse)
D
100 µs
1 ms
DC OPERATION
T = 25°C
C
*Single pulse T =25°C
a
Nonrepetitive
Pulse T = 25°C
C
Curves must be derated
linearly with increase in
temperaature.
V
max.
DSS
1


Número de pieza similar - 2SK2837

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK2837 TOSHIBA-2SK2837 Datasheet
295Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2837 TOSHIBA-2SK2837 Datasheet
731Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2837 ISC-2SK2837 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Thinki Semiconductor Co...
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results

Descripción similar - 2SK2837

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com