Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8361YDWR20 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

No. de pieza CS8361YDWR20
Descripción Electrónicos  5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHERRY [Cherry Semiconductor Corporation]
Página de inicio  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8361YDWR20 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8361YDWR20 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8361YDWR20 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8361YDWR20 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8361YDWR20 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8361YDWR20 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8361YDWR20 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
VSTBY
Gnd
VIN
+
Current
Limit
Overvoltage
Shutdown
OVSD
TSD
Thermal
Shutdown
Current
Limit
Bandgap
BG
RESET
Adj
OVSD
TSD
VIN
+
VSTANDBY
BG
RESET
OVSD
TSD
VTRK
250mA
5V,100mA,2%
ENABLE
RESET
BG
s
2 Regulated Outputs
Standby Output 5V
±2%; 100mA
Tracking Output 5V;
250mA
s
Low Dropout Voltage
(0.4V at rated current)
s
RESET Option
s
ENABLE Option
s
Low Quiescent Current
s
Protection Features
Independent Thermal
Shutdown
Short Circuit
60V Load Dump
Reverse Battery
Package Options
7L TO-220
5V Dual Micropower Low Dropout
Regulator with ENABLE and RESET
1
CS8361
Block Diagram
Description
7L D2PAK
1
16 Lead PDIP & SOIC Wide
(internally fused leads)
1
NC
NC
NC
NC
NC
NC
VIN
Gnd
Gnd
Gnd
Gnd
VTRK
Adj
ENABLE
RESET
VSTBY
1. VSTBY
2. VIN
3. VTRK
4. Gnd
5. Adj
6. ENABLE
7. RESET
Also available in 20 Lead SOIC Wide.
Consult factory for 20 Lead PSOP .
* Consult factory for positive ENABLE option.
Rev. 5/4/99
The CS8361 is a precision micro-
power dual voltage regulator with
and
.
The 5V standby output is accurate
within ±2% while supplying loads
of 100mA and has a typical
dropout voltage of 400mV.
Quiescent current is low, typically
140µA with a 300µA load. The
active
output monitors the
5V standby output and holds
the
line low during power-
up and regulator dropout condi-
tions. The
circuit includes
hysteresis and is guaranteed to
operate correctly with 1V on the
standby output.
The second output tracks the 5V
standby output through an external
adjust lead, and can supply loads
of 250mA with a typical dropout
voltage of 400mV. The logic level
lead is used to control
this tracking regulator output.
Both outputs are protected against
overvoltage, short circuit, reverse
battery and overtemperature condi-
tions. The robustness and low qui-
escent current of the CS8361 makes
it not only well suited for automo-
tive microprocessor applications,
but for any battery powered micro-
processor applications.
ENABLE
RESET
RESET
RESET
RESET
ENABLE
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®


Número de pieza similar - CS8361YDWR20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8361YDWF16G ONSEMI-CS8361YDWF16G Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8361YDWFR16G ONSEMI-CS8361YDWFR16G Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results

Descripción similar - CS8361YDWR20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com