Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4226 Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS4226
Descripción Electrónicos  Surround Sound Codec
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4226 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4226 Datasheet HTML 6Page - Cirrus Logic CS4226 Datasheet HTML 7Page - Cirrus Logic CS4226 Datasheet HTML 8Page - Cirrus Logic CS4226 Datasheet HTML 9Page - Cirrus Logic CS4226 Datasheet HTML 10Page - Cirrus Logic CS4226 Datasheet HTML 11Page - Cirrus Logic CS4226 Datasheet HTML 12Page - Cirrus Logic CS4226 Datasheet HTML 13Page - Cirrus Logic CS4226 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
CS4226
10
DS188F1
FUNCTIONAL DESCRIPTION
Overview
The CS4226 has 2 channels of 20-bit analog-to-
digital conversion and 6 channels of 20-bit digital-
to-analog conversion. A mono 20-bit ADC is also
provided. All ADCs and DACs are delta-sigma
converters. The stereo ADC inputs have adjustable
input gain, while the DAC outputs have adjustable
output attenuation. The device also contains an
S/PDIF receiver capable of receiving compressed
AC-3/MPEG or uncompressed digital audio data.
Digital audio data for the DACs and from the
ADCs is communicated over separate serial ports.
This allows concurrent writing to and reading from
the device. The CS4226 functions are controlled
via a serial microcontroller interface. Figure 1
shows the recommended connection diagram for
the CS4226.
Analog Inputs
Line Level Inputs
AIN1R, AIN1L, AIN2R, AIN2L, AIN3R, AIN3L
and AINAUX are the line level input pins (See Fig-
ure 1). These pins are internally biased to the
CMOUT voltage. A 10
µF DC blocking capacitor
placed in series with the input pins allows signals
centered around 0 V to be input to the CS4226. Fig-
ure 2 shows an optional dual op amp buffer which
combines level shifting with a gain of 0.5 to atten-
uate the standard line level of 2 Vrms to 1 Vrms.
The CMOUT reference level is used to bias the op-
amps to approximately one half the supply voltage.
With this input circuit, the 10
µF DC blocking caps
in Figure 1 may be omitted. Any remaining DC off-
set will be removed by the internal high-pass fil-
ters.
Selection of stereo the input pair (AIN1L/R,
AIN2L/R or AIN3L/R) for the 20-bit ADC’s is ac-
complished by setting the AIS1/0 bits (ADC analog
input mux control), which are accessible in the
ADC Control Byte. On-chip anti-aliasing filters
follow the input mux providing anti-aliasing for all
input channels.
The analog inputs may also be configured as differ-
ential inputs. This is enabled by setting bits
AIS1/0=3. In the differential configuration, the left
channel inputs reside on pins 10 and 11, and the
right channel inputs reside on pins 12 and 13 as de-
scribed in Table 1 below. In differential mode, the
full scale input level is 2 Vrms.
The analog signal is input to the mono ADC via the
AINAUX pin.
Independent Muting of both the stereo ADC’s and
the mono ADC is possible through the ADC Con-
trol Byte with the MUTR, MUTL and MUTM bits.
Single-ended
Pin #
Differential Inputs
AIN3L
Pin 10
AINL+
AIN3R
Pin 9
unused
AIN2L
Pin 11
AINL-
AIN2R
Pin 12
AINR-
AIN1L
Pin 14
unused
AIN1R
Pin 13
AINR+
Table 1. Single-ended vs Differential Input Pin
Assignments
+
-
100 pF
10 k
20 k
+
-
10 k
100 pF
5 k
20 k
Line In
Right
Line In
Left
CMOUT
AINxR
AINxL
0.47
µF
3.3
µF
3.3
µF
Example
Op-Amps are
MC34074 or
MC33078
Figure 2. Optional Line Input Buffer


Número de pieza similar - CS4226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-BQ CIRRUS-CS4226-BQ Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-BQZ CIRRUS-CS4226-BQZ Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-DQ CIRRUS-CS4226-DQ Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-KQ CIRRUS-CS4226-KQ Datasheet
643Kb / 37P
   Surround Sound Codec
More results

Descripción similar - CS4226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Wolfson Microelectronic...
WM9704Q WOLFSON-WM9704Q Datasheet
271Kb / 35P
   4-Channel Surround Sound Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
logo
STMicroelectronics
TDA7346 STMICROELECTRONICS-TDA7346 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED SURROUND SOUND MATRIX
February 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com