Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS10PU100S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

No. de pieza SS10PU100S
Descripción Electrónicos  High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BWTECH [Bruckewell Technology LTD]
Página de inicio  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS10PU100S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SS10PU100S Datasheet HTML 1Page - Bruckewell Technology LTD SS10PU100S Datasheet HTML 2Page - Bruckewell Technology LTD SS10PU100S Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
New product
Bruckewell Technology Corp., Ltd.
2013 Rev O
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=10A, Tj=25°C
VF
0.65
0.68
V
at IF=10A, Tj=125°C
0.58
Maximum reverse current per leg
Tj=25°C
IR
20
u'A
at working peak reverse voltage Tj=125°C
5
m'A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
60
°C/W
Rthjc
3
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Número de pieza similar - SS10PU100S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
More results

Descripción similar - SS10PU100S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
SS6PU100 BWTECH-SS6PU100 Datasheet
446Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8PU100 BWTECH-SS8PU100 Datasheet
300Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8P100 BWTECH-SS8P100 Datasheet
232Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS5P100 BWTECH-SS5P100 Datasheet
214Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU80 BWTECH-SS10PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS20PU80 BWTECH-SS20PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS12PU120S BWTECH-SS12PU120S Datasheet
272Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Rev. A -2014
SS10PU120S BWTECH-SS10PU120S Datasheet
289Kb / 3P
   High Surge Protection High Current Density Surface Mount Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com