Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD14 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

No. de pieza SD14
Descripción Electrónicos  Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BWTECH [Bruckewell Technology LTD]
Página de inicio  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SD14 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SD14 Datasheet HTML 1Page - Bruckewell Technology LTD SD14 Datasheet HTML 2Page - Bruckewell Technology LTD SD14 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bruckewell Technology Corp., Ltd.
Surface Mount High Current Density
Schottky Rectifiers 1.0 Amp 40V
SD14
FEATURES
Guarding protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
MECHANICAL DATA
Case:
SOD-123 Molded plastic
Epoxy: UL94V-O rate flame retardant
Lead: Lead Formed for Surface Mount
Polarity: Color band denotes cathode end
Mounting position: Any
SOD123
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SD14
Unit
Maximum repetitive peak reverse voltage
VRRM
40
V
RMS Voltage (Max.)
VRMS
28
V
Working peak reverse voltage
VRWM
40
V
Maximum average forward rectified current
IF(AV)
2.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
30
1pulse/4S t=500us exponent wave
IFSM
180
A
Operating junction temperature range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +150
°C


Número de pieza similar - SD14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DAESAN ELECTRONIC CORP.
SD14 DAESAN-SD14 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Cooper Bussmann, Inc.
SD14-100-R COOPER-SD14-100-R Datasheet
372Kb / 4P
   Switching Regulators
SD14-100-R COOPER-SD14-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD14-100-R COOPER-SD14-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD14-100-R EATON-SD14-100-R Datasheet
746Kb / 9P
   Low profile metalized shielded drum core power inductors
More results

Descripción similar - SD14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
BAT48-40 BWTECH-BAT48-40 Datasheet
126Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
SD34 BWTECH-SD34 Datasheet
346Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 3.0 Amp 40V
BAT48-60 BWTECH-BAT48-60 Datasheet
126Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 60V
logo
SeCoS Halbleitertechnol...
SM140HT SECOS-SM140HT Datasheet
433Kb / 3P
   Voltage 40V ~150V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4_15 Datasheet
85Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 08-Oct-13
SS3P4 VISHAY-SS3P4_11 Datasheet
88Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 19-Jul-11
SS3P4 VISHAY-SS3P4_V01 Datasheet
102Kb / 5P
   High Current Density Surface-Mount Schottky Rectifiers
01-Jan-2022
SS3P4 VISHAY-SS3P4_13 Datasheet
87Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 16-Apr-12
SS3P5 VISHAY-SS3P5_11 Datasheet
92Kb / 5P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 19-Apr-11
SS3P4 VISHAY-SS3P4_15 Datasheet
82Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 08-Oct-13
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com