Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUT12A Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

No. de pieza BUT12A
Descripción Electrónicos  High Voltage Fast-switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

BUT12A Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  BUT12A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd BUT12A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd BUT12A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd BUT12A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd BUT12A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd BUT12A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.7 V
- I Characteristics
BE
B
0.8
1.0
1.2
1.4
1.6
0
2.5
0.5
3
2
1.5
Page 4 of 6
www.nellsemi.com
BUT12A Series
Base current, I (A)
B
Fig.8 V
- I Characteristics (Typical)
CE(sat)
B
Base current, I (A)
B
1
10
1
-1
10
Fig.9 DC current gain
Collector current, l (A)
C
-2
10
-1
10
10
1
-2
10
-1
10
10
2
10
1
10
2
10
Fig.6 V
·V
- I Temperature
BE(sat)
CE(sat)
C
characteristics (Typical)
2.0
1.5
1.0
0.5
0
T = 25°C
J
T = 100°C
J
T = 100°C
J
VBE
VCE
Collector current , lC (A)
l /I = 5
C
B
(1)
T = 25°C
J
(4)
I = 6A
C
I = 3A
C
I = 8A
C
T = 25°C
J
1
I =6A
C
T = 25°C
J
I =3A
C
I =8A
C
1V
V
= 5V
CE
10
1
2
10
-1
10


Número de pieza similar - BUT12A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUT12A PHILIPS-BUT12A Datasheet
100Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
logo
Wing Shing Computer Com...
BUT12A WINGS-BUT12A Datasheet
65Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Fairchild Semiconductor
BUT12A FAIRCHILD-BUT12A Datasheet
29Kb / 3P
   High Voltage Power Switching Applications
logo
Inchange Semiconductor ...
BUT12A ISC-BUT12A Datasheet
136Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUT12A SAVANTIC-BUT12A Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - BUT12A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com