Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF1010 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

No. de pieza IRF1010
Descripción Electrónicos  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF1010 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  IRF1010 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
Min.
1.11
0.50
THERMAL RESISTANCE
PARAMETER
Thermal resistance, case to heatsink
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(c-s)
Typ.
Max.
ºC/W
62
IRF1010 Series
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
nC
54
Max.
200
250
60
6.8
-200
200
0.058
2810
200
19
90
38
420
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
V
= 0V, I = 250µA
GS
D
TEST CONDITIONS
I = 1mA, referenced to 25°C
D
V
=60V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
28
Gate to source charge
V
= 48V, V
= 10V, I = 51A
DS
GS
D
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
S
nA
T =150°C
C
Typ.
Min.
8.5
20
86
V
= 30V,
DD
(Note 1)
I = 51A,R = 7.95Ω,
D
G
V
= 10V
GS
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= -20V, V
= 0V
GS
DS
V
= 20V, V
= 0V
GS
DS
V
=25V, I =51A
DS
D
Forward transconductance
Static drain to source on-state resistance
RDS(ON)
gfS
V
= 10V, l = 51A (Note 1)
GS
D
Gate to drain charge (Miller charge)
QGD
32
V
=48V, V
=0V
DS
GS
2
V
4
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
nH
7.5
4.5
Internal source inductance
LS
Internal drain inductance
LD
Between lead, 6mm from
package and center of die
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
UNIT
Max.
TEST CONDITIONS
PARAMETER
SYMBOL
Typ.
Min.
V
I
= 51A, V
= 0V
SD
GS
Diode forward voltage
VSD
1.3
Integral reverse P-N junction
diode in the MOSFET
Continuous source to drain current
Is(IsD)
84
D (Drain)
G
(Gate)
S (Source)
A
Pulsed source current
ISM
340
I
= 51A, V
= 0V, V
=30V
SD
GS
DD
dI /dt = 100A/µs (Note1)
F
Reverse recovery time
trr
ns
41
nC
Reverse recovery charge
Qrr
54
Note: 1. Pulse test: Pulse width ≤ 1.0ms, duty cycle ≤ 2%
tON
Forward turn-on time
62
81
Intrinsic turn-on time is negligible (turn-on is domonated by LS+LD)
www.nellsemi.com
Page 2 of 7
58
19
21


Número de pieza similar - IRF1010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF1010E ISC-IRF1010E Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF1010EL IRF-IRF1010EL Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRF1010ELPBF IRF-IRF1010ELPBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
More results

Descripción similar - IRF1010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com