Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES2211 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza ES2211
Descripción Electrónicos  Electro-Wash짰 NX New & Improved! Cleaner Degreaser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

ES2211 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ES2211 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2211 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2211 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2211 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Material
Compatibility
Buna-N
Not Recommended
Graphite
Good
HDPE
Good
Kynar
Poor
LDPE
Good
Lexan
Not Recommended
Neoprene
Poor
Noryl
®
Poor
Cross-Linked PE
Good
Polyacrylate
Not Recommended
Polystyrene
Not Recommended
PVC
Poor
Silicone Rubber
Not Recommended
Teflon
Good
Viton
Poor
Performance
Grease Removal per gram solvent (mg)
Electro-Wash NX
New & Improved!
14.06
HFC-based Cleaner
0.50.5
Grease & Lubricating Oil Removal per gram
solvent (mg)
Electro-Wash NX
New & Improved!
22.123.
823.8
HFC-based Cleaner
0.50.5
USAGE INSTRUCTIONS
For commercial use only.
Read MSDS carefully prior to use.
Spray 4-6 inches from surface to clean. Wash
parts from top to bottom, allowing the liquid to
flush away dirt and dissolved grease.
For
precise application use attached extension tube.
AVAILABILITY
ES1611 12 oz. Aerosol
ES2211 18 oz. Aerosol
ES111
1 gallon Liquid
ENVIRONMENTAL IMPACT DATA
HCFC-141b
HCFC-225
None
Yes
HFC
nPB
Yes
None
Hydrochlorofluorocarbons (HCFCs) are regulated under the Montreal Protocol
as Class II ozone depleting substances. HCFC-141b is no longer produced in
the US under this legislation. HCFC-225 is planned for production phase-out
in 2015. Hydrofluorocarbons (HFCs) are not currently regulated.
EPA has listed n-propyl bromide (nPB) as an acceptable alternative to ozone
depleting substances in metal, precision, and electronics cleaning under Section
612 of the Clean Air Act.
NOTE:
This information is believed to be accurate. It is
intended for professional end users having the skills
to evaluate and use the data properly.
ITW
CHEMTRONICS
®
does not guarantee the accuracy
of the data and assumes no liability in connection
with damages incurred while using it.
Chemtronics
® and Electro-Wash® are registered trademarks
of ITW Chemtronics. All rights reserved.
All other trademarks herein are trademarks or registered
trademarks of their respective owners.


Número de pieza similar - ES2211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DFI Inc
ES220-CS DFI-ES220-CS Datasheet
1Mb / 6P
   Compact Embedded System
logo
Cyrustek corporation
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
logo
ITT Industries
ES22MABE ITT-ES22MABE Datasheet
393Kb / 4P
   Sealed Tiny Slide Switches
logo
C&K Components
ES22MABE CK-COMPONENTS-ES22MABE Datasheet
400Kb / 4P
   Sealed Tiny Slide Switches
logo
ITT Industries
ES22MCBE ITT-ES22MCBE Datasheet
393Kb / 4P
   Sealed Tiny Slide Switches
More results

Descripción similar - ES2211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
7532 FAIRCHILD-7532 Datasheet
123Kb / 15P
   A New PSPICE Electro-Thermal Subcircuit
7534 FAIRCHILD-7534 Datasheet
131Kb / 16P
   A New PSPICE Electro-Thermal Subcircuit
logo
NTE Electronics
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
   ECG Electronics Degreaser
logo
Littelfuse
SL1026 LITTELFUSE-SL1026 Datasheet
70Kb / 1P
   New Improved Littelfuse 1026 maximum duty arrester series
logo
NTE Electronics
RX201-16 NTE-RX201-16 Datasheet
120Kb / 7P
   ECG Electronics Degreaser & Wash
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
   Click Cleaner
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
   PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
   SOLDER PASTES/CLEANER
logo
NTE Electronics
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
   spray extraction cleaner
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com