Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC100V5A Datasheet(PDF) 2 Page - Power-One

No. de pieza FC100V5A
Descripción Electrónicos  FC SERIES - 5A, 10A, 20A, FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

FC100V5A Datasheet(HTML) 2 Page - Power-One

  FC100V5A Datasheet HTML 1Page - Power-One FC100V5A Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
-0.125"(-3.2mm)
0.750"(19.1mm)
0
5
4
3
2
1
(1.0mm)
DIA 0.040"
(11.2mm)
(50.8mm)
0.44"
(25.4mm)
2.00"
1.00"
BOTTOM VIEW
0
(-3.8mm)
-0.15"
(12.1mm)
0.475"
(43.2mm)
1.700"
MECHANICAL DRAWING
FC SERIES - 5A, 10A, 20A, FILTER
Pin
Function
20A Module
1-V
in
2-V
in
3+V
in
4+V
in
5
Ground
6-V
out
7-V
out
8+V
out
9+V
out
Tolerances
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise
specified.)
FC100V10A
FC100V5A
FC100V20A
Pin
Function
10A Module
1+V
in
2-V
in
3
Ground
4+V
out
5-V
out
Pin
Function
5A Module
1+V
in
2
Ground
3-V
in
4+V
out
5-V
out
MODELS - (See the last page of Section C for options.)
-0.11"(-2.8mm)
0.780"(19.8mm)
0.390"(9.9mm)
0
5
4
3
2
1
(1.0mm)
DIA 0.040"
(10.2mm)
(25.4mm)
0.40"
(25.4mm)
1.00"
1.00"
BOTTOM VIEW
(-2.8mm)
-0.11" 0
(19.8mm)
0.780"
BOTTOM VIEW
(11.7mm)
0.46"
-0.15"(-3.8mm)
0.700"(17.8mm)
0.500"(12.7mm)
0.300"(7.6mm)
0.100"(2.5mm)
0.600"(15.2mm)
0.400"(10.2mm)
0.200"(5.1mm)
0
0.18"(4.6mm)
0.020"
(0.51mm)
9
8
7
4
3
2
6
5
1
(1.0mm)
DIA 0.040"
(52.1mm)
(41.9mm)
2.05"
1.65"
0
(-3.8mm)
-0.15"
(17.8mm)
0.700"
(43.2mm)
1.700"
Operating Current
(Amps)
Insertion Loss*
Differential Mode
(dB)
Insertion Loss*
Common Mode
(dB)
Typical
Resistance**
(mOhms)
Model
5
10
20
28
31
26
30
28
32
27
17
6.6
FC100V5A
FC100V10A
FC100V20A
* Typical loss at 500 kHz (50 Ohms)
** Resistance Per Leg


Número de pieza similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
FC100V5A POWER-ONE-FC100V5A Datasheet
1Mb / 41P
   F & FC Series DC-DC Converter Input Filters
logo
Bel Fuse Inc.
FC100V5A BEL-FC100V5A Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
More results

Descripción similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
logo
HuaXinAn Electronics CO...
JZC-33FC HUAXINAN-JZC-33FC Datasheet
411Kb / 1P
   5A 10A switching capabilities
JZC-32FLC HUAXINAN-JZC-32FLC Datasheet
422Kb / 1P
   5A 10A switching capabilities
JZC-32FC HUAXINAN-JZC-32FC Datasheet
422Kb / 1P
   5A 10A switching capabilities
JZC-33FA HUAXINAN-JZC-33FA Datasheet
411Kb / 1P
   5A 10A switching capabilities
JZC-32FA HUAXINAN-JZC-32FA Datasheet
422Kb / 1P
   5A 10A switching capabilities.
JZC-32FLA HUAXINAN-JZC-32FLA Datasheet
422Kb / 1P
   5A 10A switching capabilities.
logo
DB Lectro Inc
JZC-32F DBLECTRO-JZC-32F Datasheet
350Kb / 2P
   5A 10A switching capabilities
logo
HARTING Technology Grou...
09-03-000-6220 HARTING-09-03-000-6220 Datasheet
931Kb / 2P
   DIN-Signal high current FC 20A crimp
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com