Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP4015SK3 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMP4015SK3
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4015SK3 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP4015SK3 Datasheet HTML 1Page - Diodes Incorporated DMP4015SK3 Datasheet HTML 2Page - Diodes Incorporated DMP4015SK3 Datasheet HTML 3Page - Diodes Incorporated DMP4015SK3 Datasheet HTML 4Page - Diodes Incorporated DMP4015SK3 Datasheet HTML 5Page - Diodes Incorporated DMP4015SK3 Datasheet HTML 6Page - Diodes Incorporated DMP4015SK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP4015SK3
Document number: DS35480 Rev. 6 - 2
2 of 7
www.diodes.com
February 2013
© Diodes Incorporated
DMP4015SK3
Maximum Ratings (@ T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TC = +25°C
TC = +70°C
ID
-35
-27
A
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-14
-11
A
t<10s
TA = +25°C
TA = +70°C
ID
-22
-18
A
Pulsed Drain Current (10
s pulse, duty cycle = 1%)
IDM
-100
A
Maximum Body Diode Forward Current (Note 5)
IS
-5.5
A
Avalanche Current (Note 6)
IAS
-57
A
Avalanche Energy (Note 6)
EAS
162
mJ
Thermal Characteristics (@ T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
3.5
W
TA = +70°C
2.2
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
36
°C/W
t<10s
15
Thermal Resistance, Junction to Case (Note 5)
Steady state
RθJC
4.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@ T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-40
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS


-1
µA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 25V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1.5
-2.0
-2.5
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
7
11
m
VGS = -10V, ID = -9.8A
9
15
VGS = -4.5V, ID = -9.8A
Forward Transfer Admittance
|Yfs|
26
S
VDS = -20V, ID = -9.8A
Diode Forward Voltage
VSD
-0.7
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
4234
pF
VDS = -20V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
1036
Reverse Transfer Capacitance
Crss
526
Gate Resistance
RG

7.77

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
47.5
nC
VDS = -20V, VGS = -5V
ID = -9.8A
Gate-Source Charge
Qgs
14.2
Gate-Drain Charge
Qgd
13.5
Turn-On Delay Time
tD(on)
13.2
ns
VGS = -10V, VDD = -20V,
RG = 6, ID = -1A
Turn-On Rise Time
tr
10.0
Turn-Off Delay Time
tD(off)
302.7
Turn-Off Fall Time
tf

137.9

Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
6. UIS in production with L = 0.1mH, TJ = +25°C.
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Número de pieza similar - DMP4015SK3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Diodes Incorporated
DMP4015SK3-13 DIODES-DMP4015SK3-13 Datasheet
272Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4015SK3Q DIODES-DMP4015SK3Q Datasheet
571Kb / 8P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4015SK3Q-13 DIODES-DMP4015SK3Q-13 Datasheet
272Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4015SK3Q-13 DIODES-DMP4015SK3Q-13 Datasheet
571Kb / 8P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP4015SK3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com