Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP4015SK3 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP4015SK3
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP4015SK3
Document number: DS35480 Rev. 6 - 2
4 of 7
www.diodes.com
February 2013
© Diodes Incorporated
DMP4015SK3
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.4
0.8
1.2
1.6
2
2.4
-V , SOURCE-DRAIN VOLTAGE (V)
Fig. 8 Diode Forward Voltage vs. Current
SD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
25
30
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Junction Capacitance
DS
CISS
COSS
CRSS
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
-V , DRAIN-SOURCE VOLTAGE(V)
Fig. 10 Typical Drain-Source Leakage Current vs. Voltage
DS
0.1
1
10
100
1000
10000
0510
15
20
25
30
T =150°C
A
T =125°C
A
T =85°C
A
T =25°C
A
0
2
4
6
8
10
Q , TOTAL GATE CHARGE (nC)
Fig. 11 Gate-Charge Characteristics
g
020
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Fig. 12 Single Pulse Maximum Power Dissipation
Single Pulse
R
= 72°C/W
JA
R
(t) = r(t) * R
= P * R

JA
JA
JA
JA
T - T




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl