Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCA100L Datasheet(PDF) 4 Page - Clare, Inc.

No. de pieza LCA100L
Descripción Electrónicos  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARE [Clare, Inc.]
Página de inicio  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA100L Datasheet(HTML) 4 Page - Clare, Inc.

  LCA100L Datasheet HTML 1Page - Clare, Inc. LCA100L Datasheet HTML 2Page - Clare, Inc. LCA100L Datasheet HTML 3Page - Clare, Inc. LCA100L Datasheet HTML 4Page - Clare, Inc. LCA100L Datasheet HTML 5Page - Clare, Inc. LCA100L Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA100L
Rev. 1
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA100L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LCA100L
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
3.0
2.5
2.0
1.5
1.0
0.5
0
50
LCA100L
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 5mADC)
Temperature (
°C)
-40
30
25
20
15
10
5
0
-20
0
20
40
60
80
100 120
LCA100L
Typical IF for Switch Operation
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
120
LCA100L
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
120
LCA100L
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
LCA100L
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s
LCA100L
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.30
0.25
0.20
0.15
0.10
0.05
0
50
LCA120L
Typical Current Limiting vs. Temperature
IF = 2mADC
Temperature (
°C)
300.00
250.00
200.00
150.00
100.00
50.00
0
-40
-20
0
20
40
60
80
100


Número de pieza similar - LCA100L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
LCA100LS IXYS-LCA100LS Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
LCA100LSTR IXYS-LCA100LSTR Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
More results

Descripción similar - LCA100L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com