Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BTA06AL-6-SW-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies |
|
BTA06AL-6-SW-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies |
2 / 4 page BTA06A Preliminary TRIACS UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R401-050.a ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT RMS On-State Current (Full Sine Wave) TC=105°C IT(RMS) 6 A Non Repetitive Surge Peak On-State Current (Full Cycle TJ initial=25°C) F=50Hz t=20ms ITSM 60 A F=60Hz t=16.7ms 63 A I 2t Value for Fusing tP=10ms I 2t 21 A 2s Critical Rate of Rise of On-State Current: IG=2xIGT, tr≤100ns F=120Hz TJ=125°C dI/dt 50 A/µs Peak Gate Current tP=20µs TJ=125°C IGM 4 A Average Gate Power Dissipation TJ=125°C PG(AV) 1 W Operating Junction Temperature TJ -40~+125 °C Storage Junction Temperature TSTG -40~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL RESISTANCES PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 60 °C/W Junction to Case (AC) θJC 2.7 °C/W ELECTRICAL CHARACTERISTICS (TJ= 25°C, unless otherwise specified) FOR SNUBBERLESS AND LOGIC LEVEL (3 QUADRANTS) PARAMETER SYMBOL TEST CONDITIONS TW SW CW BW UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX Gate Trigger Current (Note 1) IGT VD=12V RL=30Ω I-II-III 5 10 35 50 mA Gate Trigger Voltage VGT I-II-III 1.3 1.3 1.3 1.3 V Gate Non-Trigger Voltage VGD VD=VDRM, RL=3.3kΩ, TJ=125°C I-II-III 0.2 0.2 0.2 0.2 V Holding Current (Note 2) IH IT=100mA 10 15 35 50 mA Latching Current IL IG=1.2IGT I-III 10 25 50 70 mA II 15 30 60 80 mA Critical Rate of Rise of Off-State Voltage (Note 2) dV/dt VD=67%VDRM, Gate Open, TJ=125°C 20 40 400 1000 V/µs Critical Rate of Rise of Off-State Voltage at Commutation (Note 2) (dI/dt)c (dV/dt)c=0.1V/µs TJ=125°C 2.7 3.5 A/ms (dV/dt)c=10V/µs, TJ=125°C 1.2 2.4 A/ms Without Snubber TJ= 125°C 3.5 5.3 A/ms Notes: 1. Minimum IGT is guaranteed at 5% of IGT max. 2. For both polarities of MT2 referenced to MT1. |
Número de pieza similar - BTA06AL-6-SW-TF3-T |
|
Descripción similar - BTA06AL-6-SW-TF3-T |