Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD1N80TM Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FQD1N80TM
Descripción Electrónicos  N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1N80TM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD1N80TM Datasheet HTML 1Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 2Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 3Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 4Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 5Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 6Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 7Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 8Page - Fairchild Semiconductor FQD1N80TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
FQD1N80 / FQU1N80 Rev. C2
www.fairchildsemi.com
4
Typical Characteristics (Continued)
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS = 0 V
2. I
D = 250
μ
A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 0.5 A
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
N o te s :
1 Z
.
θ
JC( t ) = 2. 78
/W M a x .
2 . D u ty F a c to r, D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC(t )
s ingle p uls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.0 1
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
DC
10 ms
1ms
100μ s
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
t
1 , S q uar e W av e P uls e D u r at i on [ s ec]
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


Número de pieza similar - FQD1N80TM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
More results

Descripción similar - FQD1N80TM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com