Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA-7111B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza SA-7111B
Descripción Electrónicos  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7111B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SA-7111B Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 9Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 10Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 11Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 12Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 13Page - List of Unclassifed Manufacturers SA-7111B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● SA-7211A (Real code)
● SA-7231A (Complementary code)
<Side setting>
● SA-7211B (Real code)
● SA-7231B (Complementary code)
● SA-7211C (Real code)
● SA-7231C (Complementary code)
● SA-7251A (Real code)
● SA-7271A (Complementary code)
● SA-7251B (Real code)
● SA-7271B (Complementary code)
● SA-7251C (Real code)
● SA-7271C (Complementary code)
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.8 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.8 L × 0.8 D
7.9
6 – 0.5
t = 0.15
2.54
2.54
1.9
5.08
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.8 L × 0.8 D
7.9
6 – 0.5
t = 0.15
2.54
2.54
1.9
5.08
8
7 9
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.8 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
8
7 9
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.8 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.8 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
8
7 9
SA-7000
ROTARY CODED SWITCHES (SMD)


Número de pieza similar - SA-7111B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Copal Electronics
SA-7111B COPAL-SA-7111B Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Descripción similar - SA-7111B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com