Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA34063AD Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza KA34063AD
Descripción Electrónicos  Operation From 3.0 to 40V Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA34063AD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA34063AD Datasheet HTML 1Page - Fairchild Semiconductor KA34063AD Datasheet HTML 2Page - Fairchild Semiconductor KA34063AD Datasheet HTML 3Page - Fairchild Semiconductor KA34063AD Datasheet HTML 4Page - Fairchild Semiconductor KA34063AD Datasheet HTML 5Page - Fairchild Semiconductor KA34063AD Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KA34063A
5
Mechanical Dimensions (Continued)
Package
Dimensions in millimeters
5.72
0.225
1.55
±0.20
0.061
±0.008
0.1~0.25
0.004~0.001
6.00
±0.30
0.236
±0.012
3.95
±0.20
0.156
±0.008
0.50
±0.20
0.020
±0.008
#1
#4
#5
#8
1.80
0.071
MAX
MIN
8-SOP


Número de pieza similar - KA34063AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA34063AD FAIRCHILD-KA34063AD Datasheet
42Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA34063AD ONSEMI-KA34063AD Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
More results

Descripción similar - KA34063AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS34063 AMS-AMS34063 Datasheet
577Kb / 10P
   3V to 40V Input Voltage Operation
logo
M.S. Kennedy Corporatio...
MSK5500-15 MSK-MSK5500-15 Datasheet
491Kb / 5P
   Input Voltage from Vout Dropout to 40V
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
   Single Supply Operation From 10V to 45V
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
   Single Supply Operation From 20V to 45V
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
   Wide Input Supply Range: 10V to 40V
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Maxim Integrated Produc...
MAX15049EVKIT MAXIM-MAX15049EVKIT Datasheet
837Kb / 7P
   Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com