Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T520B107M006ATE025 Datasheet(PDF) 13 Page - Kemet Corporation

No. de pieza T520B107M006ATE025
Descripción Electrónicos  KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520B107M006ATE025 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button T520B107M006ATE025 Datasheet HTML 9Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 10Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 11Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 12Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 13Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 14Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 15Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 16Page - Kemet Corporation T520B107M006ATE025 Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 12/4/2013 13
13
KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum
Table 1 – Ratings & Part Number Reference cont'd
(1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H).
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.
Blue color text denotes "Under Development"
Bold text denotes black epoxy product
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20°C
Maximum/5
Minutes
% @ 20°C
120 Hz
Maximum
mΩ @ 20°C
100 kHz
Maximum
(mA) 45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
10
150
Y/7343-40
T520Y157M010A(1)E025
150
10
25
3100
3
105
10
220
V/7343-19
T520V227M010A(1)E045
220
10
45
2000
3
105
10
220
V/7343-19
T520V227M010A(1)E025
220
10
25
2700
3
105
10
220
D/7343-31
T520D227M010A(1)E018
220
10
18
3500
3
105
10
220
D/7343-31
T520D227M010A(1)E025
220
10
25
3000
3
105
10
220
D/7343-31
T520D227M010A(1)E040
220
10
40
2400
3
105
10
220
Y/7343-40
T520Y227M010A(1)E040
220
10
40
2500
3
105
10
330
Y/7343-40
T520Y337M010A(1)E010
330
10
10
4900
3
105
10
330
Y/7343-40
T520Y337M010A(1)E015
330
10
15
4000
3
105
10
330
Y/7343-40
T520Y337M010A(1)E035
330
10
35
2600
3
105
10
330
X/7343-43
T520X337M010A(1)E010
330
10
10
5000
3
105
10
330
X/7343-43
T520X337M010A(1)E025
330
10
25
3100
3
105
10
330
X/7343-43
T520X337M010A(1)E040
330
10
40
2500
3
105
11
47
Q/7343-12
T520Q476M011A(1)E040
52
10
40
4500
3
105
12.5
10
T/3528-12
T520T106M12RA(1)E150
13
8
150
800
3
105
12.5
15
T/3528-12
T520T156M12RA(1)E080
19
8
80
1100
3
105
16
10
B/3528-21
T520B106M016A(1)E100
16
8
100
1100
3
105
16
22
C/6032-28
T520C226M016A(1)E080
35
8
80
1400
3
105
16
33
W/7343-15
T520W336M016A(1)E045
53
10
45
2000
3
105
16
33
V/7343-19
T520V336M016A(1)E045
53
10
45
2000
3
105
16
33
V/7343-19
T520V336M016A(1)E060
53
10
60
1800
3
105
16
33
V/7343-19
T520V336M016A(1)E070
53
10
70
1600
3
105
16
47
W/7343-15
T520W476M016A(1)E045
75
10
45
2000
3
105
16
47
V/7343-19
T520V476M016A(1)E045
75
10
45
2000
3
105
16
47
V/7343-19
T520V476M016A(1)E070
75
10
70
1600
3
105
16
47
D/7343-31
T520D476M016A(1)E035
75
10
35
2500
3
105
16
47
D/7343-31
T520D476M016A(1)E070
75
10
70
1800
3
105
16
68
D/7343-31
T520D686M016A(1)E050
109
10
50
2100
3
105
16
150
X/7343-43
T520X157M016A(1)E040
240
10
40
2500
3
105
20
22
V/7343-19
T520V226M020A(1)E040
44
10
40
2200
3
105
20
22
V/7343-19
T520V226M020A(1)E045
44
10
45
2000
3
105
20
22
V/7343-19
T520V226M020A(1)E090
44
10
90
1400
3
105
25
15
V/7343-19
T520V156M025A(1)E090
38
10
90
1400
3
105
25
15
D/7343-31
T520D156M025A(1)E060
38
10
60
1900
3
105
25
15
D/7343-31
T520D156M025A(1)E080
38
10
80
1700
3
105
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20°C
Maximum/5
Minutes
% @ 20°C
120 Hz
Maximum
mΩ @ 20°C
100 kHz
Maximum
(mA) 45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
Roll Over for
Order Info.
T
520
V
157
M
006
A
T
E045
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
ESR Code
Packaging
(C-Spec)
T =
Tantalum
520 =
Polymer
A, B, C, D, H,
L, M, Q, T, U,
V, W, X, Y
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
008 = 8 V
010 = 10 V
011 = 11 V
12R = 12.5 V
016 = 16 V
020 = 20 V
025 = 25 V
A = N/A
T = 100% Matte
Tin (Sn) Plated
H = Tin/Lead
(SnPb) Solder
Coated (5% Pb
minimum)
E = ESR
Last three digits
specify ESR in
mΩ.(045=45
mΩ)
Blank = 7"
Reel 7280 =
13" Reel


Número de pieza similar - T520B107M006ATE025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T520B107M006ATE025 KEMET-T520B107M006ATE025_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 2.1mm
More results

Descripción similar - T520B107M006ATE025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T530X687M006ATE018 KEMET-T530X687M006ATE018 Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com