Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC100V5A Datasheet(PDF) 9 Page - Power-One

No. de pieza FC100V5A
Descripción Electrónicos  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

FC100V5A Datasheet(HTML) 9 Page - Power-One

Back Button FC100V5A Datasheet HTML 5Page - Power-One FC100V5A Datasheet HTML 6Page - Power-One FC100V5A Datasheet HTML 7Page - Power-One FC100V5A Datasheet HTML 8Page - Power-One FC100V5A Datasheet HTML 9Page - Power-One FC100V5A Datasheet HTML 10Page - Power-One FC100V5A Datasheet HTML 11Page - Power-One FC100V5A Datasheet HTML 12Page - Power-One FC100V5A Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 9 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F2410 & F4810, 0-45V/0-80V, 10 Amps, SMT Mount
Electrical Specifications
Conditions: TA = 25 ºC, No Airflow, Vin = 48 VDC, unless otherwise specified.
Parameter
Notes
Min
Typ
Max
Units
Absolute Maximum Ratings
Input Voltage (F4810)
Continuous
0
100
VDC
(F2410)
Continuous
0
50
VDC
Operating Ambient Temperature
-40
85
°C
Storage Temperature
-55
125
°C
Electrical Characteristics
Operating Input Voltage Range (F4810)
0
48
80
VDC
(F2410)
0
24
45
VDC
Maximum Operating Current
85 °C ambient, no airflow
10
ADC
DC Resistance (total for two legs)
0.016
Filter differential inductance
4.5
H
Filter common mode inductance
For frequencies below 10 MHz
6.5
H
Differential mode Attenuation at 400 kHz
1
F4810
57
dB
F2410
63
dB
Differential mode attenuation at 30 MHz
1
F4810
56
dB
F2410
57
dB
Common mode Attenuation at 400 kHz
2
F4810, F2410
24
dB
Common mode Attenuation at 30 MHz
2
F4810, F2410
50
dB
Efficiency at Maximum Load
Vin = 48 V @ 10 A
99.6
99.7
%
Additional Notes:
1.
50 Ω source and 50 Ω load impedance. See Fig 2 and 3 for differential mode attenuation in the 20 kHz-100 MHz frequency range.
2.
50 Ω source and 50 Ω load impedance; external common-mode capacitors 0.1 µF (from IN+ and IN- to the common chassis). See
Fig. 4 for attenuation in the 20 kHz-100 MHz frequency range.


Número de pieza similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Bel Fuse Inc.
FC100V5A BEL-FC100V5A Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
More results

Descripción similar - FC100V5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com