Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21AN3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza BAS21AN3
Descripción Electrónicos  High voltage switching (double) diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS21AN3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAS21AN3 Datasheet HTML 1Page - Cystech Electonics Corp. BAS21AN3 Datasheet HTML 2Page - Cystech Electonics Corp. BAS21AN3 Datasheet HTML 3Page - Cystech Electonics Corp. BAS21AN3 Datasheet HTML 4Page - Cystech Electonics Corp. BAS21AN3 Datasheet HTML 5Page - Cystech Electonics Corp. BAS21AN3 Datasheet HTML 6Page - Cystech Electonics Corp. BAS21AN3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C335N3
Issued Date : 2009.04.07
Revised Date : 2014.02.24
Page No. : 2/7
BAS21/A/C/SN3
CYStek Product Specification
Absolute Maximum Ratings(Ta=25℃, unless otherwise specified)
Parameter
Symbol
Limits
unit
Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
250
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Non-repetitive Peak Forward Surge Current @ tp=1μs
@ tp=100μs
@ tp=1s
IFSM
9
3
1.7
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
PD
250
mW
Thermal Resistance, Junction to Ambient
RθJA
500
°C/W
Operating Junction Temperature Range
TJ
-65~+150
°C
Storage Temperature Range
TSTG
-65~+150
°C
Characteristics (Ta=25°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100μA
250
-
V
IF=100mA
-
1
V
Forward Voltage (Note)
VF
IF=200mA
-
1.25
V
VR=200V
-
100
nA
Reverse Leakage Current
IR
VR=200V, Tj=150
°C
-
100
μA
Diode Capacitance
CD
VR=0V, f=1MHz
-
5
pF
Reverse Recovery Time
trr
IF=IR=30mA RL=100
Ω
measured at IR=3mA
-
50
ns
Note
: Pulse test, tp=300μs, duty cycle<2%.
Ordering Information
Device
Package
Shipping
Marking
BAS21N3-0-T1-G
JS
BAS21AN3-0-T1-G
JS2
BAS21CN3-0-T1-G
JS3
BAS21SN3-0-T1-G
SOT-23
(Pb-free lead plating and
halogen-free package)
3000 pcs / Tape & Reel
JS4
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Número de pieza similar - BAS21AN3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
BAS21A WEITRON-BAS21A Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
TAITRON Components Inco...
BAS21A TAITRON-BAS21A Datasheet
261Kb / 6P
   Three Terminals SMD Switching Diodes
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Nanjing International G...
BAS21A DGNJDZ-BAS21A Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Galaxy Semi-Conductor H...
BAS21A BILIN-BAS21A Datasheet
177Kb / 3P
   Surface mount switching diode
More results

Descripción similar - BAS21AN3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
CMBD2004XN3 CYSTEKEC-CMBD2004XN3 Datasheet
180Kb / 4P
   High voltage switching (double) diodes
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
   High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
   HIGH VOLTAGE SWITCHING DIODES
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
   HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
   High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
   High Voltage Switching Diodes
logo
Galaxy Semi-Conductor H...
BAS21H BILIN-BAS21H Datasheet
184Kb / 3P
   High Voltage Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com