Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3336B Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 1N3336B
Descripción Electrónicos  50 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3336B Datasheet(HTML) 3 Page - Microsemi Corporation

  1N3336B Datasheet HTML 1Page - Microsemi Corporation 1N3336B Datasheet HTML 2Page - Microsemi Corporation 1N3336B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
50 WATT ZENER DIODES
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
11-12-2003 REV A
SCOTTSD A L E DIVISION
1N3305 thru 1N3350B
and 1N4549B thru 1N4556B
See further notes on following page
See further notes on following page
NOTES:
1.
When using JEDEC numbers an R suffix should be used to signify reversed polarity. The suffixes A and B indicate tolerances
NOTES:
1.
When using JEDEC numbers an R suffix should be used to signify reversed polarity. The suffixes A and B indicate tolerances
of 10% and 5% respectively. No suffix or just R denotes +/-20% tolerance. Example: 1N3319RB is a REVERSED polarity,
of 10% and 5% respectively. No suffix or just R denotes +/-20% tolerance. Example: 1N3319RB is a REVERSED polarity,
20 volt unit having a +/-5% tolerance on Zener Voltage.
20 volt unit having a +/-5% tolerance on Zener Voltage.
2.
Zener Voltage (
VZ) is measured with junction in thermal equilibrium with 30
oC stud temperature.
2.
Zener Voltage (
VZ) is measured with junction in thermal equilibrium with 30
oC stud temperature.
3.
The Zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at 2 points to ensure a
sharp knee on the breakdown curve and to eliminate unstable units. A curve showing the variation of zener impedance vs.
zener current for three representative types is shown in Figure 2. Also see Microsemi MicroNote 202.
3.
The Zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at 2 points to ensure a
sharp knee on the breakdown curve and to eliminate unstable units. A curve showing the variation of zener impedance vs.
zener current for three representative types is shown in Figure 2. Also see Microsemi MicroNote 202.
OUTLINE AND CIRCUIT
Stud Temperature
oC
FIGURE 1
Power Derating Curve
FIGURE 2
Typical Zener Impedance
vs. Zener Current
PACKAGE DIMENSIONS
All Dimensions in: INCH
mm


Número de pieza similar - 1N3336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Naina Semiconductor ltd...
1N3336B NAINA-1N3336B Datasheet
203Kb / 1P
   50W ZENER(DO5)
1N3336B NAINA-1N3336B Datasheet
109Kb / 1P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N3336B NJSEMI-1N3336B Datasheet
309Kb / 2P
   ZENER DIODE
1N3336B NJSEMI-1N3336B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N3336B NAINA-1N3336B Datasheet
149Kb / 2P
   50W Zener Diodes
More results

Descripción similar - 1N3336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com