Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3336B Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 1N3336B
Descripción Electrónicos  50 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3336B Datasheet(HTML) 2 Page - Microsemi Corporation

  1N3336B Datasheet HTML 1Page - Microsemi Corporation 1N3336B Datasheet HTML 2Page - Microsemi Corporation 1N3336B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50 WATT ZENER DIODES
SCOTTSD A L E DIVISION
1N3305 thru 1N3350B
and 1N4549B thru 1N4556B
*ELECTRICAL CHARACTERISTICS @ 30oC Case Temperature
MAX. DYNAMIC
IMPEDANCE (Note 3) †
MAX. REVERSE
CURRENT**
IR(max) @ VR
JEDEC
TYPE NO.
(Note 1)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
Volts
(Note 2) †
ZENER
TEST
CURRENT
(
IZT) mA †
ZZT @ IZT
OHMS
ZZK @ IZK = 5 mA
OHMS
MAX. DC
ZENER
CURRENT
(
IZM)
mA
µA
VOLTS
TYPICAL
TEMP.
COEFF.
αVZ
%/
oC
†1N4549B
†1N4550B
†1N4551B
†1N4552B
†1N4553B
†1N4554B
1N4555B
1N4556B
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
3,200
2,900
2,650
2,450
2,250
2,000
1,850
1,650
0.16
0.16
0.12
0.12
0.12
0.14
0.16
0.24
400
500
600
650
900
1,000
200
100
11,900
10,650
9,700
8,900
8,100
7,300
6,650
6,050
150
150
100
20
20
20
10
10
0.5
0.5
1.0
1.0
1.0
2.0
2.0
3.0
-0.046
-0.033
-0.015
+/-0.010
+0.030
+0.049
+0.053
+0.057
†1N3305B
†1N3306B
†1N3307B
†1N3308B
†1N3309B
†1N3310B
6.8
7.5
8.2
9.1
10.0
11.0
1,850
1,700
1,500
1,370
1,200
1,100
0.20
0.30
0.40
0.50
0.60
0.80
70
70
70
70
80
80
6,600
5,900
5,200
4,800
4,300
3,900
300
125
50
25
25
10
4.5
5.0
5.4
6.1
6.7
8.4
0.040
0.045
0.048
0.050
0.055
0.060
†1N3311B
†1N3312B
1N3313B
†1N3314B
†1N3315B
1N3316B
12.0
13.0
14.0
15.0
16.0
17.0
1,000
960
890
830
780
740
1.00
1.10
1.20
1.40
1.60
1.80
80
80
80
80
80
80
3,800
3,300
3,000
2,800
2,650
2,500
10
10
10
10
10
10
9.1
9.9
11.4
11.4
12.2
13.0
0.065
0.065
0.070
0.070
0.070
0.075
†1N3317B
1N3318B
†1N3319B
†1N3320B
†1N3321B
1N3322B
18.0
19.0
20.0
22.0
24.0
25.0
700
660
630
570
520
500
2.00
2.20
2.40
2.50
2.60
2.70
80
80
80
80
80
90
2,300
2,200
2,100
1,900
1,750
1,550
10
10
10
10
10
10
13.7
13.7
15.2
16.7
18.2
18.2
0.075
0.075
0.075
0.080
0.080
0.080
†1N3323B
†1N3324B
†1N3325B
†1N3326B
†1N3327B
†1N3328B
27.0
30.0
33.0
36.0
39.0
43.0
460
420
380
350
320
290
2.80
3.00
3.20
3.50
4.00
4.50
90
90
90
90
90
90
1,500
1,400
1,300
1,150
1,050
975
10
10
10
10
10
10
20.6
22.8
25.1
27.4
29.7
32.7
0.085
0.085
0.085
0.085
0.090
0.090
1N3329B
†1N3330B
1N3331B
†1N3332B
1N3333B
†1N3334B
45.0
47.0
50.0
51.0
52.0
56.0
280
270
250
245
240
220
4.50
5.00
5.00
5.20
5.50
6.00
100
100
100
100
100
110
930
880
830
810
790
740
10
10
10
10
10
10
32.7
35.8
38.8
38.8
42.6
42.6
0.090
0.090
0.090
0.090
0.090
0.090
†1N3335B
†1N3336B
†1N3337B
†1N3338B
†1N3339B
†1N3340B
62.0
68.0
75.0
82.0
91.0
100.0
200
180
170
150
140
120
7.00
8.00
9.00
11.00
15.00
20.00
120
140
150
160
180
200
660
600
540
490
420
400
10
10
10
10
10
10
47.1
51.7
56.0
62.2
69.2
76.0
0.090
0.090
0.090
0.090
0.090
0.090
1N3341B
†1N3342B
†1N3343B
†1N3344B
1N3345B
†1N3346B
105.0
110.0
120.0
130.0
140.0
150.0
120
110
100
95
90
85
25.00
30.00
40.00
50.00
60.00
75.00
210
220
240
275
325
400
380
365
335
310
290
270
10
10
10
10
10
10
83.0
83.0
91.2
99.8
114.0
114.0
0.095
0.095
0.095
0.095
0.095
0.095
†1N3347B
1N3348B
†1N3349B
†1N3350B
160.0
175.0
180.0
200.0
80
70
68
65
80.00
85.00
90.00
100.00
450
500
525
600
250
230
220
200
10
10
10
10
121.6
121.6
136.8
152.0
0.095
0.095
0.095
0.100
*JEDEC Registered Data.
**Not JEDEC Data.
†Have JAN and JANTX and TXV Qualifications to MIL-S-19500/358.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
11-12-2003 REV A


Número de pieza similar - 1N3336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Naina Semiconductor ltd...
1N3336B NAINA-1N3336B Datasheet
203Kb / 1P
   50W ZENER(DO5)
1N3336B NAINA-1N3336B Datasheet
109Kb / 1P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N3336B NJSEMI-1N3336B Datasheet
309Kb / 2P
   ZENER DIODE
1N3336B NJSEMI-1N3336B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N3336B NAINA-1N3336B Datasheet
149Kb / 2P
   50W Zener Diodes
More results

Descripción similar - 1N3336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com