Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3337B Datasheet(PDF) 1 Page - Microsemi Corporation |
|
1N3337B Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 3 page 50 WATT ZENER DIODES SCOTTSD A L E DIVISION 1N3305 thru 1N3350B and 1N4549B thru 1N4556B DESCRIPTION APPEARANCE These high power 50 W Zener diodes represented by the JEDEC registered 1N3305 thru 1N3350B and 1N4549 thru 1N4556B series provide voltage regulation in a selection over a 3.9 V to 200 V broad range of voltages. They may be operated up to 50 W with adequate mounting and heat sinking with their low thermal resistance. These Zeners are also available in JAN, JANTX, JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications. DO- 5 (DO-203AB) IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com FEATURES APPLICATIONS / BENEFITS • JEDEC registered 1N3305 thru 1N3350B and 1N4549 thru 1N4556B • Internal solder bond construction • Hermetically sealed (welded) • Zener Voltage 3.9V to 200V. • Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/358 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening; (e.g. JANTX1N3305B, JANTXV1N3318B, etc. • Standard polarity is anode to case • Reverse polarity with cathode to case by designating R suffix in part number, e.g. 1N3305RB, etc. • Consult factory for surface mount equivalents • Regulates voltage over a broad operating current and temperature range • Standard voltage tolerances are +/- 5% with B suffix, +/-10% with an A suffix, and +/-20% with no suffix • Consult factory for +/-2% or +/-1% with a C or D suffix respectively • Reverse polarity available • Nonsensitive to ESD per MIL-STD-750 Method 1020 • Inherently radiation hard as described in Microsemi MicroNote 050 MAXIMUM RATINGS MECHANICAL AND PACKAGING • Junction & Storage Temperatures: -65 oC to +175oC • DC Power Dissipation: 50 watts at TC < 75 oC • Power Derating: 0.5 W/ oC above 75oC • Forward Voltage @ 10 A: 1.5 Volts • THERMAL RESISTANCE: 2.0 oC/W maximum junction to hexagonal base (1.5 oC/W typical) • Solder temperatures: 260 oC for 10 s (max) • CASE: Industry Standard DO-5 (DO-203AB), 11/16 inch hexagonal stud with 1/4-28 threads welded hermetically sealed metal and glass • FINISH: All external surfaces are corrosion resistant and terminal solderable. • POLARITY: Standard Polarity units are connected anode to case. Reverse polarity (cathode to case) is indicated by Suffix R in part number • WEIGHT: 15 grams • MOUNTING HARDWARE: Consult factory for optional insulator, bushing, solder terminal, washers and nut • See package dimensions on last page Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright 2003 11-12-2003 REV A |
Número de pieza similar - 1N3337B |
|
Descripción similar - 1N3337B |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |