Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NEXCW104Z35V107X55TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

No. de pieza NEXCW104Z35V107X55TRF
Descripción Electrónicos  V-Chip Memory Back-Up Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIC [NIC-Components Corp.]
Página de inicio  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXCW104Z35V107X55TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEXCW104Z35V107X55TRF Datasheet HTML 1Page - NIC-Components Corp. NEXCW104Z35V107X55TRF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
V-Chip Memory Back-Up Capacitors
NEXCW Series
NIC P/N
Capacitance
Value (F)
Discharge
Working
Voltage
(VDC)
Max. Current
@ 30 minutes
(mA)
Max. ESR
@ 1KHz
(
Ω)
NEXCW104Z3.5V10.7X5.5TRF
0.10
3.5
0.090
100
NEXCW224Z3.5V10.7X5.5TRF
0.22
3.5
0.200
50
NEXCW474Z3.5V10.7X8.5TRF
0.47
3.5
0.420
50
NEXCW473Z5.5V10.7X5.5TRF
0.047
5.5
0.071
100
NEXCW104Z5.5V10.7X5.5TRF
0.10
5.5
0.150
50
NEXCW224Z5.5V10.7X8.5TRF
0.22
5.5
0.330
50
Rated Voltage Range
3.5 & 5.5VDC
Rated Capacitance Range
0.047F ~ 0.47F (47,000
μF ~ 470,000μF)
Operating Temp. Range
-40°C ~ +85°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test
+85°C 240 hours
Δ Capacitance Change
Within ±30% of initial measured value
Maximum ESR
Less than 200% of the specified maximum value
Current at 30 minutes
Less than 200% of the specified maximum value
Temperature Cycling
(5 cycles, -25 ~ +70°C
Δ Capacitance Change
Within +80%/-20% of specified value
Maximum ESR
Less than specified maximum value
Current at 30 minutes
Less than specified maximum value
Humidity Resistance
(240 hours @ 40°C/90% RH)
Δ Capacitance Change
Within ±20% of initial measured value
Maximum ESR
Less than 120% of the specified maximum value
Current at 30 minutes
Less than 120% of the specified maximum value
FEATURES
• DOUBLE LAYER CONSTRUCTION
• POWER BACK-UP FOR CMOS DEVICES
• SURFACE MOUNTABLE V-CHIP STYLE
• LEAD-FREE FINISH
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
RoHS Compliant
High Temperature Reflow
+260°C
Super Capacitor
Super Capacitor
Application Guide
Application Guide
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional precautions can be found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details
with NIC’s technical support personnel: tpmg@niccomp.com
HIGH TEMPERATURE REFLOW PROFILE
Peak Temperature
(260°C)
50
100
150
200
250
Time
Pre-heat
150°C ~ 200°C 150 sec. max.
25
0
Cool Down
70 sec. max.
Time above
217°C
Time above 170°C
50 sec. max.
1. The temperatures shown are the surface temperature values on the top of the can and on the capacitor terminals.
2. 2x reflow process maximum. Capacitor should be allowed to return to room temperature before second reflow process.
Peak Temperature
+260°C
Time above +255°C
10 sec. max.
Time above +230°C
45 sec. max.
Time above +220°C
60 sec. max.
Time above +217°C
70 sec. max.
150°C ~ +200°C
(with time above +170°C
50 sec. max.)
150 sec. max.


Número de pieza similar - NEXCW104Z35V107X55TRF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIC-Components Corp.
NEXC NIC-NEXC Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC104Z35V105X55TRF NIC-NEXC104Z35V105X55TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC104Z55V105X55TRF NIC-NEXC104Z55V105X55TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC105Z55V21X105TRF NIC-NEXC105Z55V21X105TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXC224Z35V105X55TRF NIC-NEXC224Z35V105X55TRF Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
More results

Descripción similar - NEXCW104Z35V107X55TRF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIC-Components Corp.
NEXC NIC-NEXC Datasheet
113Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEZVN-NEZVL NIC-NEZVN-NEZVL Datasheet
91Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEZVL NIC-NEZVL Datasheet
91Kb / 3P
   V-Chip Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
NEXA NIC-NEXA Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
   Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
   Memory Back-Up Capacitors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com