Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU-00282-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza BU-00282-0
Descripción Electrónicos  Five-Way Binding Post
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00282-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00282-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Five-Way Binding Post
• Material: Post: nickel-plated brass; Insulator: nylon
• Length: 2.10” (53 mm)
• *Std. Colors: -0 Black, -2 Red
• Rating: 15 Amps
• RoHS Compliant
Part Number:
BU-00282- *
Description:
Five-Way Binding Post
3507


Número de pieza similar - BU-00282-0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BU-00281-0 ETC2-BU-00281-0 Datasheet
52Kb / 1P
   Slim-Line Five Way Binding Post- Threaded
BU-00281-2 ETC2-BU-00281-2 Datasheet
52Kb / 1P
   Slim-Line Five Way Binding Post- Threaded
BU-00283 ETC2-BU-00283 Datasheet
51Kb / 1P
   Dual Five Way Binding Post
BU-00285 ETC2-BU-00285 Datasheet
63Kb / 1P
   Insulated Mini-Alligator Lead Set
BU-00286 ETC2-BU-00286 Datasheet
63Kb / 1P
   Insulated Alligator Lead Set
More results

Descripción similar - BU-00282-0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BU-00283 ETC2-BU-00283 Datasheet
51Kb / 1P
   Dual Five Way Binding Post
BU-00281-0 ETC2-BU-00281-0 Datasheet
52Kb / 1P
   Slim-Line Five Way Binding Post- Threaded
logo
Winchester Electronics ...
SDK-952AJ WINCHESTER-SDK-952AJ Datasheet
36Kb / 1P
   BINDING POST
SDK-952D WINCHESTER-SDK-952D Datasheet
48Kb / 1P
   POST, BINDING
logo
3M Electronics
3770-0 3M-3770-0 Datasheet
72Kb / 1P
   Standard Binding Post
logo
List of Unclassifed Man...
BU-P3750-0 ETC2-BU-P3750-0 Datasheet
200Kb / 1P
   Standard Binding Post
logo
SparkFun Electronics
PRT-09740 SPARKFUN-PRT-09740 Datasheet
112Kb / 2P
   Binding Post - Black
7????7
logo
List of Unclassifed Man...
BU-P3770-0 ETC2-BU-P3770-0 Datasheet
199Kb / 1P
   Standard Binding Post
SPC15219 ETC2-SPC15219 Datasheet
229Kb / 1P
   Metal Binding Post
logo
Pomona Electronics
3750 POMONA-3750 Datasheet
72Kb / 1P
   Standard Binding Post
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com