Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AML21CBA2CB Datasheet(PDF) 7 Page - Honeywell Accelerometers

No. de pieza AML21CBA2CB
Descripción Electrónicos  Interactive Catalog Supplements Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21CBA2CB Datasheet(HTML) 7 Page - Honeywell Accelerometers

  AML21CBA2CB Datasheet HTML 1Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 2Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 3Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 4Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 5Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 6Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 7Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 8Page - Honeywell Accelerometers AML21CBA2CB Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Manual Switches
AML26 Series
Electronic Control Rocker
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
19
LED DISPLAY
Rocker operators ordered separately.
LEDs are not replaceable.
FEATURES
Identical to AML24, except furnished
with one or two rectangular high
efficiency LED’s which give flush
display area and wide angle
indication.
Available with or without diode
protection for LED’s.
LED circuit independent of switch
circuit.
Electrical Data
page 11
Rockers
page 40
Lamps and LEDs
page 46
Accessories
page 45
Mounting Dimensions
pages 47/50
5 thru 24 VDC LED devices have
internal resistor to maintain current at
nominal 20 mA.
UL recognized, CSA certified.
*
*
*AML26 Series: 1 pole and
2-pole only.
AML26 ORDER GUIDE
AML26 F
B
B
2
AA
01
R
X
Housing
LED
Terminal Type/
Circuitry
Operating
LED Color
LED Color
Type
Bezel Color
Voltage
Diode Protection
Codes
Action
(LED A)
(LED B)
AML26 F
B
B
2
Insert code
Insert code
RR
1 LED
Black
V*
.110 × .020
letters
numbers
Red
Red
(Solder or
as shown in
from
YY
AML26 G
C
Quick-Connect
Circuitry
Operating
Yellow
Yellow
2 LED’s
5 V
Chart
Action
GG
3
Chart
Green
Green
D
.025 × .025
LED version
XX
10 V
(Printed Ckt.,
available
No LED
No LED
or Push-On)
only with
E
AA
15 V
8
BA
.110 × .020
CA
F
w/Diode
DA
24 V
for LED
circuitry
protection
*See LED application information for devices without current-limiting resistor, page 46.
Example: AML26FBB2AA01RX
Rectangular rocker switch; illuminated
with one LED, this device has a black
bezel, .110 × .020 terminals; with one
circuit ON and one circuit OFF in each
extreme operator position (maintained).
1 The ‘‘MICRO SWITCH’’ identification is
shown on this side of the switch housings.
Rocker
ordered
separately


Número de pieza similar - AML21CBA2CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altech corporation
AML2 ALTECH-AML2 Datasheet
349Kb / 1P
   30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
   NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
ON Semiconductor
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
More results

Descripción similar - AML21CBA2CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com