Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AML21EBA2EB Datasheet(PDF) 4 Page - Honeywell Accelerometers

No. de pieza AML21EBA2EB
Descripción Electrónicos  Interactive Catalog Supplements Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21EBA2EB Datasheet(HTML) 4 Page - Honeywell Accelerometers

  AML21EBA2EB Datasheet HTML 1Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 2Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 3Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 4Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 5Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 6Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 7Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 8Page - Honeywell Accelerometers AML21EBA2EB Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Manual Switches
AML23 Series
Electronic Control Paddle
16
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
INCANDESCENT OR NON-LIGHTED DISPLAY
Covers ordered separately.
FEATURES
Silver or gold contacts.
1, 2 or 4 poles.
Toggle type paddle operators
permanently installed in rectangular
housings.
Covers for the switch housing may be
lighted or unlighted.
UL recognized, CSA certified.
Lamps can be furnished installed or
ordered separately.
Lamp circuit independent of switch
circuit.
Electrical Data
page 11
Paddle Covers
page 35
Lamps and LEDs
page 46
Accessories
page 45
Mounting Dimensions
pages 47/50
*
*
*AML23 Series: 1 pole and
2-pole only.
*AML23 ORDER GUIDE
AML23 E
B
A
2
AA
01
Housing
Operator/Bezel
Incandescent
Terminal
Circuitry
Operating
Type
Color
Lamp Type
Type
Codes
Action
AML23 E
B
A
2
Insert Code
letters as
shown in
Circuitry Chart
Insert Code numbers
from Operating
Action Chart
Rectangular
Black/Black
No Lamp
Installed
B
6 V Lamp*
C
14 V Lamp*
E
28 V Lamp*
.110 × .020
(Solder or
Quick-Connect)
3
.025 × .025
(Printed Ckt.,
or Push-on)
Non-Lighted
AML23 F
Rectangular
1 Lamp Ckt. (A)
AML23 G
Rectangular
2 Lamp Ckts.
(A&B)
* Lamps will be installed per each lamp circuit specified in the Housing Type.
1 The ‘‘MICRO SWITCH’’
identification is shown
on this side of the
switch housings.
Example: AML23EBA2AA01
Rectangular non-lighted paddle switch
housing; black paddle and bezel; .110 ×
.020 terminals; with one circuit ON and
one circuit OFF in each extreme operator
position (maintained).
CIRCUITRY
Silver
Gold
2-Position
3-Position
Contacts Contacts
AA
BA
AC
BC
(Non-illuminated
switches only)
CA
DA
CC
DC
(Non-illuminated
switches only)
OPERATING ACTION
2-Position:
01
Maint.
None
Maint.
02
Mom.
None
Maint.
03
Maint.
None
Mom.
3-Position:
04
Maint.
Maint.
Maint.
05
Mom.
Maint.
Mom.
06
Maint.
Maint.
Mom.
07
Mom.
Maint.
Maint.


Número de pieza similar - AML21EBA2EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altech corporation
AML2 ALTECH-AML2 Datasheet
349Kb / 1P
   30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
   NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
ON Semiconductor
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
More results

Descripción similar - AML21EBA2EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com