Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU-4062-M-39-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza BU-4062-M-39-2
Descripción Electrónicos  Shrouded Banana Plug to Safety Test Prob - Silicone
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BU-4062-M-39-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-4062-M-39-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Shrouded Banana Plug to Safety Test Prob - Silicone
• Material: Banana Plugs: nickel-plated brass body, nickel-plated beryllium
copper spring; Probe: stainless steel tip with 8-32 UNC thread; Hook-up
Wire: #18 AWG, silicone insulator
• *Std.Colors: -0 Black, -2 Red, -4 Yellow, -6 Blue
• Rating: 1000V, 20 Amps, IEC 1010 compliant
RoHS Compliant
Part Number:
BU-4061-M-39-*
Description:
Shrouded Banana Plug
1108
to Safety Test Prob - Silicone


Número de pieza similar - BU-4062-M-39-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BU-4061-M-39-0 ETC2-BU-4061-M-39-0 Datasheet
54Kb / 1P
   Shrouded Banana Plug to Safety Test Prob - Silicone
BU-4061-M-39-2 ETC2-BU-4061-M-39-2 Datasheet
54Kb / 1P
   Shrouded Banana Plug to Safety Test Prob - Silicone
More results

Descripción similar - BU-4062-M-39-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BU-4061-M-39-0 ETC2-BU-4061-M-39-0 Datasheet
54Kb / 1P
   Shrouded Banana Plug to Safety Test Prob - Silicone
BU-6162-M-72-0 ETC2-BU-6162-M-72-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-2241-D-48-0 ETC2-BU-2241-D-48-0 Datasheet
64Kb / 1P
   Multiple Feature Test Prod to Right Angle Shrouded Banana Plug
logo
Pomona Electronics
72914 POMONA-72914 Datasheet
119Kb / 1P
   4mm Safety Banana Jack to 2mm Banana Plug Adapter
6249 POMONA-6249 Datasheet
28Kb / 1P
   Test Clip To Multi-Stacking Banana Plug Test Lead
6245 POMONA-6245 Datasheet
73Kb / 1P
   Test Clip to Straight Sheathed Banana Plug
3786 POMONA-3786 Datasheet
30Kb / 1P
   Minigrabber Test Clips To Double Banana Plug
3782 POMONA-3782 Datasheet
57Kb / 1P
   Minigrabber Test Clip To Stacking Banana Plug
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com