Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4007G Datasheet(PDF) 1 Page - Dc Components

No. de pieza 1N4007G
Descripción Electrónicos  TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DCCOM [Dc Components]
Página de inicio  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N4007G Datasheet(HTML) 1 Page - Dc Components

  1N4007G Datasheet HTML 1Page - Dc Components 1N4007G Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* High reliability
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
* Glass passivated junction
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4001G
THRU
1N4007G
DO-41
Dimensions in inches and (millimeters)
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 1.0 Ampere
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Volts
Amps
1.0
30
Amps
UNITS
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
CJ
TJ, TSTG
15
-65 to + 175
pF
0C
Typical Thermal Resistance
R
θJA
50
0C/ W
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
at Rated DC Blocking Voltage
Maximum Full Load Reverse Current Average, Full Cycle
.375"(9.5mm) lead length at T L = 75
oC
VF
IR
1.1
30
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
5.0
50
136
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Número de pieza similar - 1N4007G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4007G PHILIPS-1N4007G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Guangdong Juxing Electr...
1N4007G JUXING-1N4007G Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
Gulf Semiconductor
1N4007G GULFSEMI-1N4007G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
List of Unclassifed Man...
1N4007G ETC-1N4007G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
1N4007G LRC-1N4007G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

Descripción similar - 1N4007G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
FR301G DCCOM-FR301G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR601G DCCOM-FR601G Datasheet
460Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR201G DCCOM-FR201G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4933G DCCOM-1N4933G Datasheet
408Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G DCCOM-FR101G Datasheet
428Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G DCCOM-FR151G Datasheet
410Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com