Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4739A Datasheet(PDF) 1 Page - Dc Components

No. de pieza 1N4739A
Descripción Electrónicos  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DCCOM [Dc Components]
Página de inicio  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N4739A Datasheet(HTML) 1 Page - Dc Components

  1N4739A Datasheet HTML 1Page - Dc Components 1N4739A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4728A
THRU
Dimensions in millimeters
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
FEATURES
* Voltage Range:3.3V to 39V
* Double slug type construction
1N4754A
MECHANICAL DATA
* Case: Glass sealed case
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.35 gram
SYMBOL
VALUE
UNITS
Zener Current see Table "Characterisitics"
Power Dissipation at Tamb=25
oC
Ptot
1
(1)
W
Junction Temperature
Tj
175
oC
Storage Temperature Range
Tstg
-55 to + 200
oC
K/mW
Thermal Resistance
RthA
-
Typ.
Junction to Ambient Air
-
Min.
170
(1)
Max.
Volts
Forward Voltage
VF
-
Typ.
at IF=200mA
-
Min.
1.2
Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 10 mm from case.
NOTE: Suffix "A" indicates Zener Voltage Tolerance ± 5%
DO-41(G)
MAX.
162
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Número de pieza similar - 1N4739A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4739A PHILIPS-1N4739A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4739A VISHAY-1N4739A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Chongqing Pingwei Enter...
1N4739A CHONGQING-1N4739A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
RFE international
1N4739A RFE-1N4739A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
Continental Device Indi...
1N4739A CDIL-1N4739A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
More results

Descripción similar - 1N4739A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N5221B DCCOM-1N5221B Datasheet
230Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLQ5221B DCCOM-DLQ5221B Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com