Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM56500 Datasheet(PDF) 1 Page - Broadcom Corporation.

No. de pieza BCM56500
Descripción Electrónicos  24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM56500 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM56500 Datasheet HTML 1Page - Broadcom Corporation. BCM56500 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM56500
®
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
24-Port GbE Multilayer Switch
24 10/100/1000 Mbps Ethernet ports supporting both copper
and fiber connections
Fifth generation of StrataSwitch
® and StrataXGS® product line
Line-rate switching for all packet sizes and conditions
On-chip data packet memory and table memory
IPv6 routing and tunneling
Advanced Fast Filter Processor (FFP) ContentAware™
classification
Advanced security features in hardware
Port-trunking and mirroring supported across stack
Advanced packet flow control:
• Head-of-line blocking prevention
• Back pressure support
Eight QoS queues per port with hierarchical minimum/
maximum shaping per Class of Service (CoS) per queue per port
Standard compliant 802.1ad provider bridging
Highly scalable BroadScale™ architecture evolved from five
generations of switching experience provides rich features,
scalability, and future proof solutions.
Optimized for secure-switching and convergence of applications
and services in the networks.
System vendors can build scalable high-performance, high-port
density GbE LAN switches in several form factors.
Multiple CoS and low latency enable the support of VoIP and
other voice, video, and data applications.
Built-in high-speed serial interfaces with Broadcom-unique
SerDes technology ease and accelerate system design, while
reducing cost and conserving board space.
Broadcom switch API compatibility enables software reuse and
faster time-to-market.
Small package and low power enables cost-effective and high-
performance system design.
FE ATURE S
SU MM A R Y O F B E N E F I T S
10/100/1000MACs
ContentAwareFFP
Security
L2/IPv4/IPv6
PCI
Packet Buffer MMU


Número de pieza similar - BCM56500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
BCM56500 BOARDCOM-BCM56500 Datasheet
111Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
More results

Descripción similar - BCM56500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
BCM56300 BOARDCOM-BCM56300 Datasheet
192Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56510 BOARDCOM-BCM56510 Datasheet
160Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56500 BOARDCOM-BCM56500 Datasheet
111Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
logo
Level One
GSW-2457 LVL1-GSW-2457 Datasheet
564Kb / 2P
   24-Port Gigabit Ethernet Switch
logo
Broadcom Corporation.
BCM56100 BOARDCOM-BCM56100 Datasheet
427Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56302 BOARDCOM-BCM56302 Datasheet
198Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIGPORTS
BCM56303 BOARDCOM-BCM56303 Datasheet
229Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIGPORTS
BCM56303B1KEBG BOARDCOM-BCM56303B1KEBG Datasheet
188Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIG??PORTS
BCM56101 BOARDCOM-BCM56101 Datasheet
639Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT
BCM5691 BOARDCOM-BCM5691 Datasheet
146Kb / 1P
   SCALABLE12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com