Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4910F-TR Datasheet(PDF) 3 Page - Rohm

No. de pieza BU4910F-TR
Descripción Electrónicos  Low Voltage Standard CMOS Voltage Detector ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4910F-TR Datasheet(HTML) 3 Page - Rohm

  BU4910F-TR Datasheet HTML 1Page - Rohm BU4910F-TR Datasheet HTML 2Page - Rohm BU4910F-TR Datasheet HTML 3Page - Rohm BU4910F-TR Datasheet HTML 4Page - Rohm BU4910F-TR Datasheet HTML 5Page - Rohm BU4910F-TR Datasheet HTML 6Page - Rohm BU4910F-TR Datasheet HTML 7Page - Rohm BU4910F-TR Datasheet HTML 8Page - Rohm BU4910F-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Datasheet
3/13
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.010
www.rohm.com
TSZ22111・15・001
●Ordering Information
B
U
x
x
x
x
x
-
T
R
Part
Output Type
Reset Voltage Value Package
Packaging and
Number
48 : Open Drain
09 : 0.9V
G
: SSOP5
forming specification
49 : CMOS
0.1V step
F
: SOP4
TR : Embossed tape
48 : 4.8V
FVE : VSOF5
and reel
FP3 : SOT89-3F
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
(Unit : mm)
SOP4
0.05
1.3
2.0
±0.2
1
2
4
3
+6°
–4°
0.13
+0.05
–0.03
0.32
+0.05
–0.04
0.42
+0.05
–0.04
S
0.1
S
(Unit : mm)
VSOF5
4
3
1.0
±0.05
1
0.22
±0.05
0.5
5
1.6
±0.05
0.13
±0.05
2
SOT89-3F
4.5±0.1
(Unit : mm)
1.50
0.425±0.045
0.505±0.045
1
2
3
0.42±0.02


Número de pieza similar - BU4910F-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4910F-TR ROHM-BU4910F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4910F-TR ROHM-BU4910F-TR Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4910F-TR ROHM-BU4910F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4910F-TR ROHM-BU4910F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Descripción similar - BU4910F-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com