Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCA50S-12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza LCA50S-12
Descripción Electrónicos  Small and compact PCB construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LCA50S-12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LCA50S-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers LCA50S-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers LCA50S-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
LCA50S-3
LCA50S-5
LCA50S-12
LCA50S-15
LCA50S-24
LCA50S-24-H LCA50S-36
LCA50S-48
MAX OUTPUT WATTAGE[W]
30
50
51.6
52.5
60
60
61.2
62.4
DC OUTPUT
3V 10A
5V 10A
12V 4.3A
15V 3.5A
24V 2.5A
24V 2.5A
36V 1.7A
48V 1.3A
SPECIFICATIONS
MODEL
LCA50S-3
LCA50S-5
LCA50S-12
LCA50S-15
LCA50S-24
LCA50S-24-H LCA50S-36
LCA50S-48
INPUT
VOLTAGE[V]
AC85 - 132 1
f or DC110 - 170
CURRENT[A]
ACIN 100V 1.3typ (Io=100%)
FREQUENCY[Hz]
47 - 440 or DC
EFFICIENCY[%]
71typ
78typ
80typ
81typ
82typ
82typ
82typ
82typ
INRUSH CURRENT[A] ACIN 100V 30typ (Io=100%)(At cold start)
LEAKAGE CURRENT[mA]
0.5max (60Hz, According to UL, CSA and DEN-AN)
OUTPUT
VOLTAGE[V]
3
5
121524243648
CURRENT[A]
*3 10
10
4.3
3.5
2.5
2.5 (Peak 3)
1.7
1.3
LINE REGULATION[mV]
20max
20max
48max
60max
96max
96max
144max
192max
LOAD REGULATION[mV]
40max
40max
100max
120max
150max
150max
240max
300max
RIPPLE[mVp-p]
0to+50
C*1 80max
80max
120max
120max
120max
120max
150max
150max
-10 - 0
C*1 140max
140max
160max
160max
160max
160max
200max
200max
RIPPLE NOISE[mVp-p]
0to+50
C*1 120max
120max
150max
150max
150max
150max
250max
350max
-10 - 0
C*1 160max
160max
180max
180max
180max
180max
300max
400max
TEMPERATURE REGULATION[mV]
0to+50
C 50max
50max
120max
150max
240max
240max
360max
480max
-10to+50
C 60max
60max
150max
180max
290max
290max
450max
600max
DRIFT[mV]
*2 20max
20max
48max
60max
96max
96max
144max
192max
START-UP TIME[ms]
200max (ACIN 85V, Io=100%)
HOLD-UP TIME[ms]
10typ (ACIN 85V, Io=100%) 20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 - 3.6
Fixed ("Y"which can be adjusted the output is available as optional: 5, 12, 15, 24, 36, 48V
t10%)
OUTPUT VOLTAGE SETTING[V]
xx
4.9 - 5.3
11.5 - 12.5
14.4 - 15.6
23.0 - 25.0
23.0 - 25.0
34.5 - 37.5
46.0 - 50.0
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating (works over 105% of peak current at option -H) and recovers automatically
OVERVOLTAGE PROTECTION
4.00 - 5.25V
Works at 115 - 140% of rating
OPERATING INDICATION
Not provided
REMOTE SENSING
Not provided
REMOTE ON/OFF
Not provided
ISOLATION
INPUT-OUTPUT
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +60
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, CSA C22.2 No.234 Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC-B, VCCI-B
OTHERS
CASE SIZE/WEIGHT
50
X25X195mm (WXHXD) / 200g max
COOLING METHOD
Convection
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN : RM101).
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C with the input voltage held constant at the rated input/output.
*3 Peak load for 10 sec. or less is acceptable(The average current has to be less than the rated current).
LCA50S
Rugged PCB type
LC
A
50
S
-5
-
O
Ordering information
1Series name
2100/120V input
3Output wattage
4Single output
5Output voltage
6Optional
C :with Coating
G :Low leakage current
Y :with Potentiometer
R
123456
LCA
E-66
Recommended Noise Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The Noise Filter is recommended
*to connect with several devices.


Número de pieza similar - LCA50S-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
LCA500-12H-6 PANDUIT-LCA500-12H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-1H-6 PANDUIT-LCA500-1H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-34H-6 PANDUIT-LCA500-34H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-38H-6 PANDUIT-LCA500-38H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-58H-6 PANDUIT-LCA500-58H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
More results

Descripción similar - LCA50S-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
VAF512 ETC2-VAF512 Datasheet
122Kb / 3P
   Small and compact size
logo
Everlight Electronics C...
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-C04-NT01A-P01-TR EVERLIGHT-EHP-C04-NT01A-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
EHP-C04-NT01H-P01-TR EVERLIGHT-EHP-C04-NT01H-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W85A0 EVERLIGHT-EAFL2016W85A0 Datasheet
566Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W16A0 EVERLIGHT-EAFL2016W16A0 Datasheet
552Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W20A0 EVERLIGHT-EAFL2016W20A0 Datasheet
569Kb / 13P
   Small & compact package and with high efficiency
logo
Laird Tech Smart Techno...
S2408P12NF LSTD-S2408P12NF Datasheet
263Kb / 1P
   Small compact design
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com