Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-3020 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-3020
Descripción Electrónicos  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3020 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3020 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Figure 13. Transfer characteristics.
Figure 14. Input current vs. forward voltage.
Figure 15. Propagation delay test circuits and waveforms.
Figure 16. CMR test circuits and waveforms.
0.1 µF
VCC = 15
to 30 V
75
1
3
IF = 7 to 16 mA
VO
+
+
2
4
8
6
7
5
10 KHz
50% DUTY
CYCLE
500
1.5 nF
IF
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
0.1 µF
VCC = 30 V
1
3
IF
VO
+
+
2
4
8
6
7
5
A
+
B
VCM = 1000 V
5 V
VCM
∆t
0 V
VO
SWITCH AT B: IF = 0 mA
VO
SWITCH AT A: IF = 10 mA
VOL
VOH
∆t
VCM
δV
δt
=
1.2
0
VF – FORWARD VOLTAGE – V
1.8
25
1.4
1.6
5
10
15
20
0
-5
IF – FORWARD LED CURRENT – mA
6
25
15
1
35
2
3
4
5
5
0
10
20
30


Número de pieza similar - HCPL-3020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Descripción similar - HCPL-3020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com