Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5403G Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 1N5403G
Descripción Electrónicos  3.0A GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5403G Datasheet(HTML) 1 Page - Diodes Incorporated

  1N5403G Datasheet HTML 1Page - Diodes Incorporated 1N5403G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS29003 Rev. D-2
1 of 2
1N5400G-1N5408G
1N5400G - 1N5408G
3.0A GLASS PASSIVATED RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Diffused Junction
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 125A Peak
·
Plastic Material has UL Flammability
Classification 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Weight: 1.12 grams (approx)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
5400G
1N
5401G
1N
5402G
1N
5403G
1N
5404G
1N
5405G
1N
5406G
1N
5407G
1N
5408G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
580
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
125
A
Forward Voltage
@ IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
2.0
ms
Typical Junction Capacitance (Note 2)
Cj
40
pF
Typical Thermal Resistance Junction to Ambient
RqJA
32
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.


Número de pieza similar - 1N5403G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
1N5403G LRC-1N5403G Datasheet
50Kb / 2P
   3A GENERAL PURPOSE GPP DIODES
logo
Guangdong Juxing Electr...
1N5403G JUXING-1N5403G Datasheet
621Kb / 2P
   SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
1N5403G BILIN-1N5403G Datasheet
84Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
1N5403G CHENDA-1N5403G Datasheet
558Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
1N5403G SEMTECH_ELEC-1N5403G Datasheet
204Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results

Descripción similar - 1N5403G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
PG5400 ZSELEC-PG5400 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_15 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
1N5400G DIODES-1N5400G_1 Datasheet
65Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. 6 - 2
1N5400G DIODES-1N5400G_12 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
T3A05G TAITRON-T3A05G Datasheet
169Kb / 5P
   3.0A Glass Passivated Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com