Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM1114-3.0BA3-0-TB-G Datasheet(PDF) 9 Page - Cystech Electonics Corp. |
|
LM1114-3.0BA3-0-TB-G Datasheet(HTML) 9 Page - Cystech Electonics Corp. |
9 / 15 page CYStech Electronics Corp. Spec. No. : C505N3-B Issued Date : 2003.03.21 Revised Date : 2014.01.03 Page No. : 9/15 LM1114BM3/N3/A3 CYStek Product Specification Recommended wave soldering condition Product Peak Temperature Soldering Time Pb-free devices 260 +0/-5 °C 5 +1/-1 seconds Recommended temperature profile for IR reflow Profile feature Sn-Pb eutectic Assembly Pb-free Assembly Average ramp-up rate (Tsmax to Tp) 3 °C/second max. 3 °C/second max. Preheat −Temperature Min(TS min) −Temperature Max(TS max) −Time(ts min to ts max) 100 °C 150 °C 60-120 seconds 150 °C 200 °C 60-180 seconds Time maintained above: −Temperature (TL) − Time (tL) 183 °C 60-150 seconds 217 °C 60-150 seconds Peak Temperature(TP) 240 +0/-5 °C 260 +0/-5 °C Time within 5 °C of actual peak temperature(tp) 10-30 seconds 20-40 seconds Ramp down rate 6 °C/second max. 6 °C/second max. Time 25 °C to peak temperature 6 minutes max. 8 minutes max. Note : All temperatures refer to topside of the package, measured on the package body surface. |
Número de pieza similar - LM1114-3.0BA3-0-TB-G |
|
Descripción similar - LM1114-3.0BA3-0-TB-G |