Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576-XXE5 Datasheet(PDF) 11 Page - Cystech Electonics Corp.

No. de pieza LM2576-XXE5
Descripción Electrónicos  Simple Switcher 3A Step- Down Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM2576-XXE5 Datasheet(HTML) 11 Page - Cystech Electonics Corp.

Back Button LM2576-XXE5 Datasheet HTML 4Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 5Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 6Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 7Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 8Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 9Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 10Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 11Page - Cystech Electonics Corp. LM2576-XXE5 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C543E5/F5
Issued Date : 2004.02.27
Revised Date :2007.12.13
Page No. : 11/12
LM2576-XXE5/F5
CYStek Product Specification
TO-263-5L Dimension
Marking:
LM2576
□□□
□□□□
Date Code
3.3V→-33
Vout:
5.0V→-50
12V→-12
15V→-15
ADJ→
blank
Style: Pin 1.Vin 2.Vout
3.GND
4.Feedback 5.ON/OFF
5-Lead TO-263-5L Plastic Package
CYStek Package Code: F5
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.173
0.189
4.40
4.80
c2
0.049
0.057
1.25
1.45
b
0.026
0.036
0.66
0.91
L2
0.050 REF
1.27 REF
L4
0.000
0.012
0.00
0.30
D
0.339
0.354
8.60
9.00
c
0.014
0.020
0.36
0.50
e
0.067 REF
1.70 REF
L1
0.090
0.110
2.29
2.79
L
0.575
0.622
14.6
15.8
E
0.386
0.409
9.80
10.4
θ
Notes: 1.Controlling dimension :millimeter
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Recommended wave soldering condition
Soldering Time
Product
Peak Temperature
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds


Número de pieza similar - LM2576-XXE5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM2576-12 MOTOROLA-LM2576-12 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
First Components Intern...
LM2576-12 FCI-LM2576-12 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Micrel Semiconductor
LM2576-12BT MICREL-LM2576-12BT Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2576-12BT MICREL-LM2576-12BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-12BT MICREL-LM2576-12BT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
More results

Descripción similar - LM2576-XXE5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com