Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAV70W Datasheet(PDF) 1 Page - Diodes Incorporated

No. de Pieza. BAV70W
Descripción  DUAL SURFACE MOUNT SWITCHING DIODE
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

BAV70W Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30063 Rev. 2 - 1
1 of 3
BAV70W
BAV70W
DUAL SURFACE MOUNT SWITCHING DIODE
·
Case: SOT-323, Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: KJA
·
Weight: 0.006 grams (approx.)
Mechanical Data
A
E
J
L
M
B C
H
G
D
K
Features
SOT-323
Dim
Min
Max
A
0.30
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
All Dimensions in mm
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
For General Purpose Switching Applications
·
High Conductance
Characteristic
Symbol
BAV70W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
VBR(R)
75
¾
V
IR = 100
mA
Forward Voltage (Note 1)
VFM
¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Peak Reverse Current (Note 1)
IRM
¾
2.5
50
30
25
mA
mA
mA
nA
VR = 75V
VR = 75V, Tj = 150
°C
VR = 25V, Tj = 150
°C
VR = 20V
Junction Capacitance
Cj
¾
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
Note:
1. Short duration test pulse used to minimize self-heating effect.


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MMBD7000DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Diodes Incorporated
BAV70DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Diodes Incorporated
BAV70DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Transys Electronics
BAV99DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Diodes Incorporated
BAV99WDUAL SURFACE MOUNT SWITCHING DIODE 1 2 Transys Electronics
BAW56DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Transys Electronics
BAV99WDUAL SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated
BAV70Dual Surface Mount Switching Diode 1 2 3 4 Vishay Siliconix
BAW56DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Diodes Incorporated
BAV99Dual Surface Mount Switching Diode 1 2 3 4 Vishay Siliconix

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn