Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3210MPPQX-EVB Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI3210MPPQX-EVB
Descripción Electrónicos  EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3210MPPQX-EVB Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI3210MPPQX-EVB Datasheet HTML 5Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 6Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 7Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 8Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 9Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 10Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 11Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 12Page - Silicon Laboratories SI3210MPPQX-EVB Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Si321xPPQx-EVB
Rev. 1.2
9
27
2
R8,R9
470
(Si3210-FM)
1/10 W
±1%
0805
CR0805-10W-4700FT
Venkel
4.7 k
(Si3215-FM)
CR0805-10W-4701FT
4.7 k
(Si3216-FM)
CR0805-10W-4701FT
28
2
R14,R26
40.2 k
1/10 W
±1%
0805
CR0805-10W-4022FT
Venkel
29
1
R15
243
1/10 W
±1%
0805
CR0805-10W-2430FT
Venkel
30
2
R16,R17
200
1/10 W
±5%
0805
CR0805-10W-201JT
Venkel
31
1
R18
0.68
1/4 W
±5%
1206
CR1206-4W-R68JT
Venkel
32
3
R19,R20,
R25
56.2 k
1/10 W
±1%
0805
CR0805-10W-5622FT
Venkel
33
1
R21
15
1/10 W
±1%
0805
CR0805-10W-15R0FT
Venkel
34
1
R28
26.1 k
1/10 W
±1%
0805
CR0805-10W-2612FT
Venkel
35
1
R29
665 k
1/10 W
±1%
0805
CR0805-10W-6653FT
Venkel
36
1
R36
37.4 k
1/10 W
±1%
0805
CR0805-10W-3742FT
Venkel
37
2
R40,R41
10
1/10 W
±1%
0805
CR0805-10W-10R0FT
Venkel
38
4
R43,R45,
R46,R47
0
1/10 W
±1%
0805
CR0805-10W-0000FT
Venkel
39
2
R102,R104
90.9 k
1/10 W
±1%
0805
CR0805-10W-9092FT
Venkel
40
3
GND, TIP,
RING
Test Point
151-205
Mouser
41
1
U1
Si3210-FM
MLF38N5X7
-0.5P
Si3210-FM Rev E
Silabs
Si3215-FM
MLF38N5X7
-0.5P
Si3215-FM Rev C
Si3216-FM
MLF38N5X7
-0.5P
Si3216-FM Rev C
42
1
U2
Si3201
SOIC16
Si3201-FS Rev E
Silabs
Not Installed Components
43
3
C31,C32,
C33
44
1
D5
P1101CA2
95 V
DO-214AA-3
P1101CA2
Teccor
45
3
R42,R44,
R48
Table 7. Si321x-FM-DC1 Bill of Materials (Continued)
Item
Qty
Ref
Value
Rating
Tol
Dielectric
PCB
Footprint
Mfr Part Number
Mfr


Número de pieza similar - SI3210MPPQX-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3210MPPT1-EVB SILABS-SI3210MPPT1-EVB Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3210MPPTX-EVB SILABS-SI3210MPPTX-EVB Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

Descripción similar - SI3210MPPQX-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Silicon Laboratories
SI2493 SILABS-SI2493 Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com