Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM3482 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADUM3482
Descripción Electrónicos  Small, 3.75 kV RMS Quad Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM3482 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM3482 Datasheet HTML 3Page - Analog Devices ADUM3482 Datasheet HTML 4Page - Analog Devices ADUM3482 Datasheet HTML 5Page - Analog Devices ADUM3482 Datasheet HTML 6Page - Analog Devices ADUM3482 Datasheet HTML 7Page - Analog Devices ADUM3482 Datasheet HTML 8Page - Analog Devices ADUM3482 Datasheet HTML 9Page - Analog Devices ADUM3482 Datasheet HTML 10Page - Analog Devices ADUM3482 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADuM3480/ADuM3481/ADuM3482
Rev. 0 | Page 7 of 20
ELECTRICAL CHARACTERISTICS—1.8 V OPERATION
All typical specifications are at TA = 25°C, VDDL1 = 1.8 V, VDD1 = 3.0 V, VDDL2 = 1.8 V, VDD2 = 3.0 V. Minimum/maximum specifications
apply over the entire recommended operation range: VDDL1 = 1.8 V, 3.0 V ≤ VDD1 ≤ 3.6 V, VDDL2 = 1.8 V, 3.0 V ≤ VDD2 ≤ 3.6 V,−40°C ≤ TA
+125°C; unless otherwise noted. Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 7.
Parameter
Symbol
A Grade
B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Pulse Width
PW
1000
40
ns
Within PWD limit
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
86
145
43
85
ns
50% input to 50% output
Pulse Width Distortion
PWD
6
32
6
30
ns
|tPLH − tPHL|
Change vs. Temperature
7
3
ps/°C
Propagation Delay Skew
tPSK
93
60
ns
Between any two units
Channel Matching
Codirectional
tPSKCD
40
34
ns
Opposing Direction
tPSKOD
55
37
ns
Jitter
4
3
ns
Table 8.
Parameter
Symbol
1 Mbps—A, B Grades
25 Mbps—B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM3480
IDD1
1.4
1.9
8.1
11
mA
IDDL1
0.04
0.3
0.07
0.4
mA
IDD2
4.7
6.5
5.7
7.3
mA
IDDL2
0.08
0.5
0.82
1.5
mA
CL = 0 pF
ADuM3481
IDD1
2.3
2.8
7.5
10
mA
IDDL1
0.05
0.35
0.25
0.7
mA
CL = 0 pF
IDD2
3.9
5.7
6.3
8.0
mA
IDDL2
0.07
0.4
0.63
1.3
mA
CL = 0 pF
ADuM3482
IDD1
3.1
3.8
6.9
8.7
mA
IDDL1
0.06
0.4
0.44
1.1
mA
CL = 0 pF
IDD2
3.1
4.5
6.9
8.8
mA
IDDL2
0.06
0.40
0.44
1.1
mA
CL = 0 pF


Número de pieza similar - ADUM3482

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM3482 AD-ADUM3482 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3482ARSZ AD-ADUM3482ARSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3482ARSZ-RL7 AD-ADUM3482ARSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3482BRSZ AD-ADUM3482BRSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3482BRSZ-RL7 AD-ADUM3482BRSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
More results

Descripción similar - ADUM3482

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com