Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC847B-7 Datasheet(PDF) 3 Page - Diodes Incorporated |
|
BC847B-7 Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 3 page DS30274 Rev. A-2 3 of 3 BC847AT, BT, CT 1 10 100 1000 1.0 10 100 0.1 0.01 I , COLLECTOR CURRENT (mA) Fig. 2, DC Current Gain vs Collector Current C V= 5V CE 100 C T = 25 C A -50 C 0 0.1 0.2 0.3 0.4 0.5 0.1 1.0 10 100 I , COLLECTOR CURRENT (mA) Fig. 3, Collector Saturation Voltage vs Collector Current C I/ I = 20 CB T = 100 C A 25 C -50 C 10 100 1000 0.1 1.0 10 100 I , COLLECTOR CURRENT (mA) Fig. 4, Gain Bandwidth Product vs Collector Current C T = 25 C A V = 10V CE 5V 2V 0 100 150 50 200 250 0 100 200 Fig. 1, Power Derating Curve T , AMBIENT TEMPERATURE (°C) A (see Note 1) Notes: 1. Device mounted on FR-4 PC board with recommended pad layout. |
Número de pieza similar - BC847B-7 |
|
Descripción similar - BC847B-7 |