Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7341QTRPBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7341QTRPBF
Descripción Electrónicos  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7341QTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7341QTRPBF Datasheet HTML 1Page - International Rectifier IRF7341QTRPBF Datasheet HTML 2Page - International Rectifier IRF7341QTRPBF Datasheet HTML 3Page - International Rectifier IRF7341QTRPBF Datasheet HTML 4Page - International Rectifier IRF7341QTRPBF Datasheet HTML 5Page - International Rectifier IRF7341QTRPBF Datasheet HTML 6Page - International Rectifier IRF7341QTRPBF Datasheet HTML 7Page - International Rectifier IRF7341QTRPBF Datasheet HTML 8Page - International Rectifier IRF7341QTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
IRF7341QPbF
www.irf.com
1
08/03/10
These HEXFET ® Power MOSFET’s in a Dual SO-8 package
utilize the lastest processing techniques to achieve extremely
low on-resistance per silicon area. Additional features of
these HEXFET Power MOSFET’s are a 175°C junction
operating temperature, fast switching speed and improved
repetitive avalanche rating. These benefits combine to make
this design an extremely efficient and reliable device for use
in a wide variety of applications.
The 175°C rating for the SO-8 package provides improved
thermal performance with increased safe operating area and
dual MOSFET die capability make it ideal in a variety of power
applications. This dual, surface mount SO-8 can dramatically
reduce board space and is also available in Tape & Reel.
Advanced Process Technology
• ÿDual N-Channel MOSFET
• ÿUltra Low On-Resistance
• ÿ175°C Operating Temperature
• ÿRepetitive Avalanche Allowed up to Tjmax
• ÿLead-Free
Description
SO-8
VDSS
RDS(on) max
ID
55V
0.050@VGS = 10V
5.1A
0.065@VGS = 4.5V
4.42A
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Benefits
Absolute Maximum Ratings
Parameter
Max.
Units
VDS
Drain-Source Voltage
55
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
5.1
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
4.2
A
IDM
Pulsed Drain Current

42
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.4
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.7
W
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
140
mJ
IAR
Avalanche Current

5.1
A
EAR
Repetitive Avalanche Energy
See Fig. 14, 15, 16
mJ
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
PD - 96108A


Número de pieza similar - IRF7341QTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7341Q IRF-IRF7341Q Datasheet
156Kb / 9P
   HEXFET Power MOSFET
IRF7341QPBF IRF-IRF7341QPBF Datasheet
231Kb / 9P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRF7341QTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com