Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7341QPBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF7341QPBF
Descripción Electrónicos  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7341QPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7341QPBF Datasheet HTML 1Page - International Rectifier IRF7341QPBF Datasheet HTML 2Page - International Rectifier IRF7341QPBF Datasheet HTML 3Page - International Rectifier IRF7341QPBF Datasheet HTML 4Page - International Rectifier IRF7341QPBF Datasheet HTML 5Page - International Rectifier IRF7341QPBF Datasheet HTML 6Page - International Rectifier IRF7341QPBF Datasheet HTML 7Page - International Rectifier IRF7341QPBF Datasheet HTML 8Page - International Rectifier IRF7341QPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7341QPbF
6
www.irf.com
Fig 12. Typical On-Resistance Vs.
Drain Current
Fig 11. Typical On-Resistance Vs.
Gate Voltage
Fig 13b. Gate Charge Test Circuit
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
10 V
Fig 14. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
175
0
80
160
240
320
400
Starting Tj, Junction Temperature
( C)
°
ID
TOP
BOTTOM
2.1A
4.3A
5.1A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate -to -Source Voltage (V)
0.020
0.030
0.040
0.050
0.060
0.070
ID = 7.1A
0
1020
30405060
ID , Drain Current ( A )
0.020
0.040
0.060
0.080
0.100
VGS = 4.5V
VGS = 10V


Número de pieza similar - IRF7341QPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7341QPBF IRF-IRF7341QPBF Datasheet
231Kb / 9P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRF7341QPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com