Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF2805STRLPBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF2805STRLPBF
Descripción Electrónicos  Industrial Motor Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF2805STRLPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF2805STRLPBF Datasheet HTML 1Page - International Rectifier IRF2805STRLPBF Datasheet HTML 2Page - International Rectifier IRF2805STRLPBF Datasheet HTML 3Page - International Rectifier IRF2805STRLPBF Datasheet HTML 4Page - International Rectifier IRF2805STRLPBF Datasheet HTML 5Page - International Rectifier IRF2805STRLPBF Datasheet HTML 6Page - International Rectifier IRF2805STRLPBF Datasheet HTML 7Page - International Rectifier IRF2805STRLPBF Datasheet HTML 8Page - International Rectifier IRF2805STRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRF2805S/LPbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Número de pieza similar - IRF2805STRLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF2805S IRF-IRF2805S Datasheet
224Kb / 11P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF2805S ISC-IRF2805S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF2805SPBF IRF-IRF2805SPBF Datasheet
306Kb / 11P
   HEXFET Power MOSFET
IRF2805SPBF IRF-IRF2805SPBF Datasheet
337Kb / 11P
   Advanced Process Technology
IRF2805SPBF IRF-IRF2805SPBF_15 Datasheet
337Kb / 11P
   Advanced Process Technology
More results

Descripción similar - IRF2805STRLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
   Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
   Industrial Motor Drive
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
   Industrial Motor Drive
IRD3CH42DB6 IRF-IRD3CH42DB6 Datasheet
187Kb / 6P
   Industrial Motor Drive
IRD3CH5DB6 IRF-IRD3CH5DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
IRGR4607DPBF IRF-IRGR4607DPBF Datasheet
838Kb / 16P
   Industrial Motor Drive
IRD3CH24DB6 IRF-IRD3CH24DB6 Datasheet
186Kb / 6P
   Industrial Motor Drive
IRD3CH31DB6 IRF-IRD3CH31DB6 Datasheet
217Kb / 6P
   Industrial Motor Drive
IRD3CH53DB6 IRF-IRD3CH53DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
IRGP4660DPBF IRF-IRGP4660DPBF Datasheet
348Kb / 12P
   INDUSTRIAL MOTOR DRIVE, INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com