Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPV314AT Datasheet(PDF) 1 Page - OPTEK Technologies

No. de pieza OPV314AT
Descripción Electrónicos  Vertical Cavity Surface Emitting Laser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTEK [OPTEK Technologies]
Página de inicio  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV314AT Datasheet(HTML) 1 Page - OPTEK Technologies

  OPV314AT Datasheet HTML 1Page - OPTEK Technologies OPV314AT Datasheet HTML 2Page - OPTEK Technologies OPV314AT Datasheet HTML 3Page - OPTEK Technologies OPV314AT Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09 / 09
Page 1 of 4
Vertical Cavity Surface Emitting Laser
OPV300, OPV310, OPV310Y,
OPV314, OPV314Y
Features:
850nm VCSEL Technology
Data rates up to 2.5 Gbps
High thermal stability
Low drive current / high output density
Narrow and concentric beam angle
Recommended for multimode fiber applications
Burned in for communication level reliability
Description:
The OPV300 / OPV310 / OPV314 series are high performance 850nm Vertical Cavity Surface Emitting Laser
(VCSEL). The OPV300 and OPV310 are designed to be utilized for sensing applications as well as air
transmission of data. The OPV314 is designed for high speed communication links. The OPV310 / OPV314
combine all the performance advantages of a VCSEL with the addition of a power monitor diode for precise
control of optical power. The OPV310 and OPV314 have a back monitor photodiode used for optical power
management or optical reception for data communication applications.
The OPV300 / OPV310 have a flat lens while the OPV314 has a microbead lens. Refer to mechanical
drawings for details.
The high performance 850nm VCSEL is designed for applications where low current is required with high on-
axis optical power. These product’s combine features including high speed, high output optical power and
concentric beam making it an ideal transmitter for integration into all types of data communications equipment
as well as for reflective and transmissive switches.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Operating Temperature Range
0°C to +70°C
Maximum Forward Peak Current, continuous
12 mA
Maximum Reverse Voltage
5 V
Max. Continuous Optical Power at 70° C
1.1 mW
Lead Soldering Temperature
260°C for 10 sec.
Storage Temperature Range
-40°C to +100°C
Maximum Forward Current, pulsed (1 µs P.W., 10% D.C.)
48 mA
Notes:
(1) Threshold Current is based on the two line intersection method specified in Telcordia
GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(2) Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3) Slope efficiency is the slope of the best fit LI line from 5 mA to 8 mA using no larger
than .25 mA test interval points.
(4) Using data points taken for slope efficiency above, delta L/delta I shall be calculated for
each adjacent pair of points.
Applications:
Fiber Channel
Gigabit Ethernet
ATM
VSR
Intra-System links
Optical backplane
interconnects
Reflective sensing
Interruptive sensing
Long distance spot
illumination
Pb
RoHS
Additional laser safety information can be found on
the Optek website. See application bulletin #221.
Classification is not marked on the device due to
space limitations. See package outline for center-
line of optical radiance. Operating devices beyond
maximum rating may result in hazardous radiation
exposure.


Número de pieza similar - OPV314AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
OPV314AT TTELEC-OPV314AT Datasheet
786Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
More results

Descripción similar - OPV314AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
OPV300 TTELEC-OPV300 Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
logo
OPTEK Technologies
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
Wurth Elektronik GmbH &...
159353940B1300 WURTH-159353940B1300 Datasheet
1Mb / 9P
   WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850B1300 WURTH-159353850B1300 Datasheet
1Mb / 10P
   WL-VCSL Vertical Cavity surface emitting Laser
001.001
159353940A6300 WURTH-159353940A6300 Datasheet
1Mb / 9P
   WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850A6300 WURTH-159353850A6300 Datasheet
1Mb / 10P
   WL-VCSL Vertical Cavity surface emitting Laser
001.001
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com