Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTBA5C10AQ8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

No. de pieza MTBA5C10AQ8
Descripción Electrónicos  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5C10AQ8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTBA5C10AQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5C10AQ8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C744Q8
Issued Date : 2009.10.16
Revised Date : 2014.01.03
Page No. : 3/12
MTBA5C10AQ8
CYStek Product Specification
Body Diode
*VSD
-
-
1.3
V
VGS=0V, IS=2.4A
*IS
-
-
2.4
*ISM
-
-
12
A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
P-Channel Electrical Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-100
-
-
VGS=0, ID=-250μA
VGS(th)
-1.0
-1.8
-3.0
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0
-
-
-1
VDS=-80V, VGS=0
IDSS
-
-
-25
μA
VDS=-70V, VGS=0, Tj=125
°C
-
167
220
ID=-1.5A, VGS=-10V
*RDS(ON)
-
180
230
m
Ω
ID=-1A, VGS=-5V
*GFS
-
5
-
S
VDS=-5V, ID=-1.5A
Dynamic
Ciss
-
1406
-
Coss
-
56
-
Crss
-
33
-
pF
VDS=-20V, VGS=0, f=1MHz
*td(ON)
-
14
-
*tr
-
10
-
*td(OFF)
-
37
-
*tf
-
10
-
ns
VDS=-50V, ID=-1A, VGS=-10V, RG=6Ω
*Qg
-
20
-
*Qgs
-
4.4
-
*Qgd
-
4.3
-
nC
VDS=-80V, ID=-2.2A, VGS=-10V
Body Diode
*VSD
-
-
-1.3
V
VGS=0V, IS=-2.2A
*IS
-
-
-2.2
*ISM
-
-
-10
A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended Soldering Footprint


Número de pieza similar - MTBA5C10AQ8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8-0-T6-G CYSTEKEC-MTBA5C10V8-0-T6-G Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Descripción similar - MTBA5C10AQ8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com