Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6545-TR2G Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6545-TR2G
Descripción Electrónicos  18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6545-TR2G Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6545-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6545-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AMMP-6545
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
in SMT Package
Data Sheet
Description
Avago’s AMMP-6545 is an easy-to-use broadband
sub-harmonic mixer, with the LO injected at half the
frequency of that required by a conventional mixer.
MMIC includes an 180° balanced diode based mixer.
The MMIC is fabricated using PHEMT technology. The
surface mount package allows elimination of “chip
& wire” assembly for lower cost. This MMIC is a cost
effective alternative to multi-chip solution that have
higher loss and complex assembly.
Applications
• Microwave radio systems
• Satellite VSAT, DBS up/down link
• LMDS & Pt-Pt mmW long haul
• Broadband wireless access
(including 802.16 and 802.20 WiMax)
• WLL and MMDS loops
Package Diagram
Features
• RF Frequency : 18-40 GHz
• LO Frequency : 9-20 GHz
• IF Frequency : DC-3.5 GHz
• 5x5 mm Surface Mount Package
• Suitable for Up and Down Conversion
• Diode Mixer
Performance
Typical 18-30 GHz
Conversion Loss : 11 dB
IIP3
: +11 dBm
2LO-R Leakage
: -45 dBm
2LO-I Leakage
: -60 dBm
Typical 30-40 GHz
Conversion Loss : 13 dB
IIP3
: +12 dBm
2LO-R Leakage
: -40 dBm
2LO-I Leakage
: -55 dBm
Functional Block Diagram
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A) : 30V
ESD Human Body Model (Class 0) :100V
Refer to Avago Technologies Application Note A004R:
Electrostatic Discharge, Damage and Control.
PIN
1
2
3
4
5
6
7
8
FUNCTION
NC
NC
IF
RF
NC
NC
NC
LO
7
6
5
1
2
3
4
8
x2
LO
NC
NC
IF
NC
NC
NC
RF
TOP VIEW
PACKAGE BASE: GND
Note: MSL Rating - Level 2A
1
2
3
7
5
6
4
8
LO
RF
NC
NC
IF
NC
NC
NC


Número de pieza similar - AMMP-6545-TR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545-TR2G AVAGO-AMMP-6545-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6545-TR2G BOARDCOM-AMMP-6545-TR2G Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
More results

Descripción similar - AMMP-6545-TR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMP-6545 BOARDCOM-AMMP-6545 Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6546 BOARDCOM-AMMP-6546 Datasheet
170Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
AMMP-6546 AVAGO-AMMP-6546 Datasheet
170Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com