Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBD4448HCQW Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza MMBD4448HCQW
Descripción Electrónicos  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD4448HCQW Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD4448HCQW Datasheet HTML 1Page - Diodes Incorporated MMBD4448HCQW Datasheet HTML 2Page - Diodes Incorporated MMBD4448HCQW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Marking: KA6
MMBD4448HADW
Marking: KA4
MMBD4448HCQW
Marking: KA5
MMBD4448HAQW
A1
A2
C2
C1
C2
C1
Marking: KA7
MMBD4448HCDW
A
M
J
L
F
D
B C
H
K
This pin omitted
for SOT-353
Orientation Indicator
applies only to parts
where shown below
DS30153 Rev. 7 - 2
1 of 3
MMBD4448HCQW /AQW /ADW /CDW /SDW /TW
MMBD4448HCQW /AQW /ADW/
CDW /SDW /TW
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Features
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
RMS Reverse Voltage
VR(RMS)
57
V
Forward Continuous Current
IFM
500
mA
Average Rectified Output Current
IO
250
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
4.0
2.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Case: SOT-353 and SOT-363, Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Orientation: See Diagram
·
Marking: See Diagram
·
Weight: 0.006 grams (approx.)
Mechanical Data
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
For General Purpose Switching Applications
·
High Conductance
SOT-363/SOT-353
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
All Dimensions in mm
Marking: KAA
MMBD4448HTW
C1
A3
C2
A1
C3
A2
C1
C2
A2
A1
A2
A1
C2
C1
NC
A
C3
C4
A2
A1
C
A3
A4
AC
1
AC
2
C2
A1
A2
C1
Marking: KAB
MMBD4448HSDW
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.


Número de pieza similar - MMBD4448HCQW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBD4448HCQW DIODES-MMBD4448HCQW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
MMBD4448HCQW DIODES-MMBD4448HCQW Datasheet
175Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev. 16 - 2 December 2007
logo
Micro Commercial Compon...
MMBD4448HCQW MCC-MMBD4448HCQW Datasheet
190Kb / 4P
   200mW Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448HCQW LUGUANG-MMBD4448HCQW Datasheet
287Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Guangdong Kexin Industr...
MMBD4448HCQW KEXIN-MMBD4448HCQW Datasheet
967Kb / 3P
   Switching Diodes
More results

Descripción similar - MMBD4448HCQW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
logo
Guangdong Kexin Industr...
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
   Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
   Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Comchip Technology
CDSV5-4448C2 COMCHIP-CDSV5-4448C2 Datasheet
110Kb / 2P
   Surface Mount Fast Switching Diode Array
logo
Diodes Incorporated
MMBD4448HCQW DIODES-MMBD4448HCQW_15 Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
MMBD4448HTM DIODES-MMBD4448HTM_15 Datasheet
80Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
   Surface Mount Fast Switching Diode Array
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com