Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MMBD7000 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de Pieza. MMBD7000
Descripción  DUAL SURFACE MOUNT SWITCHING DIODE
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

MMBD7000 Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS12025 Rev. 3 - 2
1 of 2
MMBD7000
MMBD7000
DUAL SURFACE MOUNT SWITCHING DIODE
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: KJH (See Page 2)
·
Weight: 0.008 grams (approx.)
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
Features
Characteristic
Symbol
MMBD7000
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
357
°
C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
75
¾
V
IR = 100mA
Forward Voltage (Note 2)
VF
0.55
0.67
0.75
¾
0.70
0.82
1.10
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 2)
IR
¾
1.0
3.0
100
25
m
A
m
A
m
A
nA
VR = 50V
VR = 100V
VR = 50V, Tj = 125°C
VR = 20V
Total Capacitance
CT
¾
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100W
Electrical Characteristics @ T
A = 25°C unless otherwise specified
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
All Dimensions in mm


Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BAV70DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Diodes Incorporated
BAV70WDUAL SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated
BAV70DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Transys Electronics
BAV99WDUAL SURFACE MOUNT SWITCHING DIODE 1 2 Transys Electronics
BAV99DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Diodes Incorporated
BAW56DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Transys Electronics
BAV70Dual Surface Mount Switching Diode 1 2 3 4 Vishay Siliconix
BAV99WDUAL SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated
BAV99Dual Surface Mount Switching Diode 1 2 3 4 Vishay Siliconix
BAW56DUAL SURFACE MOUNT SWITCHING DIODE 1 2 Diodes Incorporated

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn