Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ30 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza SMAJ30
Descripción Electrónicos  600Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ30 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ30 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ30 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ30 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ30 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (SMAJ SERIES)
FIG.4- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
10
40
30
20
50
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
TJ=TJ max.
FIG.5- TYPICAL JUNCTION CAPACITANCE
1
10
200
100
10
100
1000
10000
V(BR), BREAKDOWN VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MEASURED AT
ZERO BIAS
MEASURED AT
STAND-OFF
VOLTAGE,VWM
FIG.1- PEAK PULSE POWER RATING CURVE
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.1
1
10
100
td. PULSE WIDTH, sec.
0.2" sq 5.0mm COPPER PAD AREAS
2
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
T =25 C
A
0
FIG.3-
PULSE WAVEFORM
CLAMPING POWER
0
1.0
2.0
3.0
4.0
0
50
150
100
t, TIME, ms
PULSE WIDTH (td) is DEFINED
AS THE POINT WHERE THE PEAK
CURRENT DECAYS to 50% of lppm
tr=10 sec.
10/1000 sec. WAVEFORM
AS DEFINED BY R.E.A.
td
2
PEAK VALUE
lppm
HALF VALUE- lpp
FIG.2- PULSE DERATING CURVE
0
25
50
75
100
125
150
175
200
0
25
50
75
100
TA, AMBIENT TEMPERATURE. C
O
SMAJ SERIES
600Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - SMAJ30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMAJ30 JGD-SMAJ30 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ30 HORNBY-SMAJ30 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMAJ30 SOCAY-SMAJ30 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ30 RFE-SMAJ30 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Vishay Siliconix
SMAJ30 VISHAY-SMAJ30 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Descripción similar - SMAJ30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Luguang Electr...
SMBJ10A LUGUANG-SMBJ10A Datasheet
323Kb / 3P
   600Watts Surface Mount Transient Voltage Suppressor
SMB68 LUGUANG-SMB68 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com